Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD09T2 Datasheet(PDF) 1 Page - RFHIC

Part # PD09T2
Description  2Way Power Divider
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

PD09T2 Datasheet(HTML) 1 Page - RFHIC

  PD09T2 Datasheet HTML 1Page - RFHIC PD09T2 Datasheet HTML 2Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2
2W
Wa
ay
y
P
Po
ow
we
er
r D
Diiv
viid
de
er
r
P
PD
D0
09
9T
T2
2
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 1.3
Product Features
Application
• Passive Integration on Silicon
• Low Insertion Loss
• High Isolation
• Solder Pad
• Good Balance
• Low Cost
• Repeater
• Base Station
• RF Sub-Systems
Description
The 2 way power divider is low loss, high isolation, good matching, and phase / amplitude.
The PD09T2 is a monolithic two-way in phase hybrid junction tuned for the 720~960MHz band.
Specifications at 25℃
Block Diagram & Pin Out
Absolute Maximum Ratings
PARAMETER
Units
Min
Typ
Max
Frequency Range
MHz
720
960
Insertion Loss
dB
0.3
0.5
Input Return Loss
dB
14
22
Output Return Loss
dB
20
23
Isolation
dB
15
35
Phase difference
Deg.
1
3
Amplitude difference
dB
0.1
0.3
Remarks
MHz
900
Parameter
Value
Input Power
1 W
Operating
Temperature
-40 ~ +85℃
Storage
Temperature
-65 ~ + 150℃
Output_2
Output_1
Input
Package : SOT-23-6L


Similar Part No. - PD09T2

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
PD09-12 ALPHA-PD09-12 Datasheet
45Kb / 3P
Two-Way 0째 Power Splitter Combiner 0.81-0.96 GHz
PD09-73 ALPHA-PD09-73 Datasheet
53Kb / 3P
Two-Way 0째 Power Splitter Combiner 0.81-0.96 GHz
logo
Skyworks Solutions Inc.
PD09-73 SKYWORKS-PD09-73 Datasheet
169Kb / 4P
Two-Way 0째 Power Splitter/Combiner 0.81-0.96 GHz
PD09-73LF SKYWORKS-PD09-73LF Datasheet
169Kb / 4P
Two-Way 0째 Power Splitter/Combiner 0.81-0.96 GHz
logo
Yantel Corporation
PD0900U03-070 YANTEL-PD0900U03-070 Datasheet
1Mb / 5P
Power Divider/Combiner 2-Way 0째 50廓 800-1000 MHz
More results

Similar Description - PD09T2

ManufacturerPart #DatasheetDescription
logo
RFHIC
PD09C2 RFHIC-PD09C2 Datasheet
171Kb / 2P
2Way Power Divider
PD18C2 RFHIC-PD18C2 Datasheet
169Kb / 2P
2Way Power Divider
PD18T2 RFHIC-PD18T2 Datasheet
166Kb / 2P
2Way Power Divider
PD20C2 RFHIC-PD20C2 Datasheet
168Kb / 2P
2Way Power Divider
PD23C2 RFHIC-PD23C2 Datasheet
168Kb / 2P
2Way Power Divider
PD23T2 RFHIC-PD23T2 Datasheet
164Kb / 2P
2Way Power Divider
PD26C2 RFHIC-PD26C2 Datasheet
168Kb / 2P
2Way Power Divider
PD26T2 RFHIC-PD26T2 Datasheet
164Kb / 2P
2Way Power Divider
PD36C2 RFHIC-PD36C2 Datasheet
168Kb / 2P
2Way Power Divider
PD36T2 RFHIC-PD36T2 Datasheet
164Kb / 2P
2Way Power Divider
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com