Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD18C2 Datasheet(PDF) 1 Page - RFHIC

Part # PD18C2
Description  2Way Power Divider
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

PD18C2 Datasheet(HTML) 1 Page - RFHIC

  PD18C2 Datasheet HTML 1Page - RFHIC PD18C2 Datasheet HTML 2Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2
2W
Wa
ay
y
P
Po
ow
we
er
r D
Diiv
viid
de
er
r
P
PD
D1
18
8C
C2
2
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 5.6
Product Features
Application
• Passive Integration on Silicon
• Low Insertion Loss
• High Isolation
• Solder Pad
• Good Balance
• Low Cost
• Pb Free / RoHS Compliant
• Repeater
• Base Station
• RF Sub-Systems
Description
The 2 way power divider is low loss, high isolation, good matching, and phase / amplitude.
The PD18C2 is a monolithic two-way in phase hybrid junction tuned for the 1700~1900MHz band.
Specifications at 25℃
Block Diagram & Pin Out
Absolute Maximum Ratings
PARAMETER
Units
Min
Typ
Max
Frequency Range
MHz
1700
1900
Insertion Loss
dB
0.3
0.5
Input Return Loss
dB
20
25
Output Return Loss
dB
20
25
Isolation
dB
20
25
Phase difference
Deg.
1
3
Amplitude difference
dB
0.1
0.3
Remarks
MHz
1800
Output_2
Output_1
Input
Parameter
Value
Input Power
2 W
Operating
Temperature
-40 ~ +85℃
Storage
Temperature
-65 ~ + 150℃
Package : SOIC-8


Similar Part No. - PD18C2

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
PD18-12 ALPHA-PD18-12 Datasheet
45Kb / 3P
Two-Way 0째 Power Splitter Combiner 1.71-1.99 GHz
PD18-73 ALPHA-PD18-73 Datasheet
53Kb / 3P
Two-Way 0째 Power Splitter Combiner 1.71-1.99 GHz
logo
Stackpole Electronics, ...
PD1813MT101 SEI-PD1813MT101 Datasheet
591Kb / 7P
SMD Unshielded Power Inductor
10/03/2019
PD1813MT1R1 SEI-PD1813MT1R1 Datasheet
591Kb / 7P
SMD Unshielded Power Inductor
10/03/2019
PD1813MT470 SEI-PD1813MT470 Datasheet
591Kb / 7P
SMD Unshielded Power Inductor
10/03/2019
More results

Similar Description - PD18C2

ManufacturerPart #DatasheetDescription
logo
RFHIC
PD09C2 RFHIC-PD09C2 Datasheet
171Kb / 2P
2Way Power Divider
PD09T2 RFHIC-PD09T2 Datasheet
166Kb / 2P
2Way Power Divider
PD18T2 RFHIC-PD18T2 Datasheet
166Kb / 2P
2Way Power Divider
PD20C2 RFHIC-PD20C2 Datasheet
168Kb / 2P
2Way Power Divider
PD23C2 RFHIC-PD23C2 Datasheet
168Kb / 2P
2Way Power Divider
PD23T2 RFHIC-PD23T2 Datasheet
164Kb / 2P
2Way Power Divider
PD26C2 RFHIC-PD26C2 Datasheet
168Kb / 2P
2Way Power Divider
PD26T2 RFHIC-PD26T2 Datasheet
164Kb / 2P
2Way Power Divider
PD36C2 RFHIC-PD36C2 Datasheet
168Kb / 2P
2Way Power Divider
PD36T2 RFHIC-PD36T2 Datasheet
164Kb / 2P
2Way Power Divider
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com