Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC58FVT641 Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TC58FVT641
Description  64-MBIT (8M 횞 8 BITS / 4M 횞 16 BITS) CMOS FLASH MEMORY
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC58FVT641 Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TC58FVT641 Datasheet HTML 4Page - Toshiba Semiconductor TC58FVT641 Datasheet HTML 5Page - Toshiba Semiconductor TC58FVT641 Datasheet HTML 6Page - Toshiba Semiconductor TC58FVT641 Datasheet HTML 7Page - Toshiba Semiconductor TC58FVT641 Datasheet HTML 8Page - Toshiba Semiconductor TC58FVT641 Datasheet HTML 9Page - Toshiba Semiconductor TC58FVT641 Datasheet HTML 10Page - Toshiba Semiconductor TC58FVT641 Datasheet HTML 11Page - Toshiba Semiconductor TC58FVT641 Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
TC58FVT641/B641FT/XB-70,-10
2001-09-06
8/53
Command Write
The TC58FVT641/B641 uses the standard JEDEC control commands for a single-power supply E2PROM. A
Command Write is executed by inputting the address and data into the Command Register. The command is
written by inputting a pulse to WE with CE = VIL and OE = VIH ( WE control). The command can also be
written by inputting a pulse to CE with WE = VIL ( CE control). The address is latched on the falling edge of
either WE or CE . The data is latched on the rising edge of either WE or CE . DQ0~DQ7 are valid for data
input and DQ8~DQ15 are ignored.
To abort input of the command sequence use the Reset command. The device will reset the Command Register
and enter Read Mode. If an undefined command is input, the Command Register will be reset and the device
will enter Read Mode.
Software Reset
Apply a software reset by inputting a Read/Reset command. A software reset returns the device from ID Read
Mode or CFI Mode to Read Mode, releases the lock state if automatic operation has ended abnormally, and
clears the Command Register.
Hardware Reset
A hardware reset initializes the device and sets it to Read Mode. When a pulse is input to RESET for tRP,
the device abandons the operation which is in progress and enters Read Mode after tREADY. Note that if a
hardware reset is applied during data overwriting, such as a Write or Erase operation, data at the address or
block being written to at the time of the reset will become undefined.
After a hardware reset the device enters Read Mode if RESET = VIH or Standby Mode if RESET = VIL.
The DQ pins are High-Impedance when RESET = VIL. After the device has entered Read Mode, Read
operations and input of any command are allowed.
Comparison between Software Reset and Hardware Reset
ACTION
SOFTWARE RESET
HARDWARE RESET
Releases ID Read Mode or CFI Mode.
True
True
Clears the Command Register.
True
True
Releases the lock state if automatic operation has ended abnormally.
True
True
Stops any automatic operation which is in progress.
False
True
Stops any operation other than the above and returns the device to
Read Mode.
False
True
/Word Mode
BYTE is used select Word Mode (16 bits) or Byte Mode (8 bits) for the TC58FVT641/B641. If VIH is input to
BYTE , the device will operate in Word Mode. Read data or write commands using DQ0~DQ15. When VIL is
input to BYTE , read data or write commands using DQ0~DQ7. DQ15/A-1 is used as the lowest address.
DQ8~DQ14 will become High-Impedance.
BYTE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com