Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP410 Datasheet(PDF) 2 Page - RFHIC

Part # AP410
Description  MMIC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AP410 Datasheet(HTML) 2 Page - RFHIC

  AP410 Datasheet HTML 1Page - RFHIC AP410 Datasheet HTML 2Page - RFHIC AP410 Datasheet HTML 3Page - RFHIC AP410 Datasheet HTML 4Page - RFHIC AP410 Datasheet HTML 5Page - RFHIC AP410 Datasheet HTML 6Page - RFHIC AP410 Datasheet HTML 7Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
M
MM
MIIC
C
A
AP
P4
41
10
0
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 5.3
Performance Charts (Vd=5V, Id=85mA, Tc=25℃)
0
5
10
15
20
25
0
500 1000 1500 2000 2500 3000 3500
Frequency(M Hz )
-40℃
25℃
85℃
10
15
20
25
30
35
40
45
100
500 900 1900 2140 2400 2700 3000
Frequency(M Hz )
-40℃
25℃
85℃
-40
-35
-30
-25
-20
-15
-10
-5
0
500 1000 1500 2000 2500 3000 3500
Frequency(M Hz )
-40℃
25℃
85℃
-30
-25
-20
-15
-10
-5
0
0
500 1000 1500 2000 2500 3000 3500
Frequency(M Hz )
-40℃
25℃
85℃
0
1
2
3
4
5
6
7
100
500
900
1900
2140
2400
2700
Frequency(M Hz )
10
12
14
16
18
20
22
100
500
900 1900 2140 2400 2700 3500
Frequency(MHz)
Input Return Loss vs. Frequency
Output Return Loss vs. Frequency
Gain vs. Frequency
OIP3 vs. Frequency
Noise Figure vs. Frequency
P1dB vs. Frequency



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com