Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT230PD Datasheet(PDF) 2 Page - RFHIC

Part # RT230PD
Description  Power Transistor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

RT230PD Datasheet(HTML) 2 Page - RFHIC

  RT230PD Datasheet HTML 1Page - RFHIC RT230PD Datasheet HTML 2Page - RFHIC RT230PD Datasheet HTML 3Page - RFHIC RT230PD Datasheet HTML 4Page - RFHIC RT230PD Datasheet HTML 5Page - RFHIC RT230PD Datasheet HTML 6Page - RFHIC RT230PD Datasheet HTML 7Page - RFHIC RT230PD Datasheet HTML 8Page - RFHIC RT230PD Datasheet HTML 9Page - RFHIC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
▪ Tel : 82-31-250-5011
▪ rfsales@rfhic.com
R
RT
T223300P
PD
D
P
Poow
weerr T
Trraan
nssiissttoorr
▪ All specifications may change without notice.
▪ Version 5.2
Electrical Specifications
Parameter
UNIT
Typical
Frequency Range
MHz
900
1900
2600
Gain
dB
18
16.5
14.5
Input Return Loss
dB
-15
-20
-20
Output IP3
dBm
+47
+47
+47
1dB Compression Point
dBm
+34.5
+34.5
+34
Channel Power
dBm
27.5
25.5
Noise Figure
dB
2.5
2.5
3.0
DC Current
mA
450
450
450
Supply Voltage
VDC
+9
+9
+9
*Test Conditions : (Vd = +9V, Id = 450mA, Ta=+25℃ )
*OIP3 is measured with two tones, at an output power of 20dBm/tone separated by 1MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com