Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA110B-XGXG-R1-PF Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LA110B-XGXG-R1-PF
Description  LED ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LA110B-XGXG-R1-PF Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LA110B-XGXG-R1-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LA110B-XGXG-R1-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LA110B-XGXG-R1-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LA110B-XGXG-R1-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LA110B-XGXG-R1-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LA110B-XGXG-R1-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Viewing
angle
2
θ 1/2
(deg)
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Emitted
Typical Electrical & Optical Characteristics (Ta=25
℃)
LA110B/XGXG-R1-PF
PART NO
GaP
Green
MATERIAL
30
Spectral
halfwidth
△λnm
Green Diffused
565
Lens
COLOR
Peak
wave
length
λPnm
1.7
2.6
8.0
15
Max.
Min.
Forward
voltage
@20mA(V)
Min.
Typ.
Luminous
intensity
@10mA(mcd)
138
Page 2/5
UNIT
mA
mA
μA
℃
℃
mW
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Absolute Maximum Ratings
Reverse Current @5V
Operating Temperature
Storage Temperature
Peak Forward Current
Duty 1/10@10KHz
Forward Current
Power Dissipation
Parameter
10
Ir
-40 ~ +85
-40 ~ +100
Topr
Tstg
PD
IFP
IF
Symbol
100
120
G
30
Absolute Maximum Ratings at Ta=25
℃
PART NO. LA110B/XGXG-R1-PF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com