Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC58FVT641XB-70 Datasheet(PDF) 19 Page - Toshiba Semiconductor

Part # TC58FVT641XB-70
Description  64-MBIT (8M × 8 BITS / 4M × 16 BITS) CMOS FLASH MEMORY
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC58FVT641XB-70 Datasheet(HTML) 19 Page - Toshiba Semiconductor

Back Button TC58FVT641XB-70 Datasheet HTML 15Page - Toshiba Semiconductor TC58FVT641XB-70 Datasheet HTML 16Page - Toshiba Semiconductor TC58FVT641XB-70 Datasheet HTML 17Page - Toshiba Semiconductor TC58FVT641XB-70 Datasheet HTML 18Page - Toshiba Semiconductor TC58FVT641XB-70 Datasheet HTML 19Page - Toshiba Semiconductor TC58FVT641XB-70 Datasheet HTML 20Page - Toshiba Semiconductor TC58FVT641XB-70 Datasheet HTML 21Page - Toshiba Semiconductor TC58FVT641XB-70 Datasheet HTML 22Page - Toshiba Semiconductor TC58FVT641XB-70 Datasheet HTML 23Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 53 page
background image
TC58FVT641/B641FT/XB-70,-10
2001-09-06
19/53
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RANGE
UNIT
VDD
VDD Supply Voltage
−0.6~4.6
V
VIN
Input Voltage
−0.6~VDD + 0.5 (≤ 4.6)
V
VDQ
Input/Output Voltage
−0.6~VDD + 0.5 (≤ 4.6)
V
VIDH
Maximum Input Voltage for A9, OE and RESET
13.0
V
VACCH
Maximum Input Voltage for
/ACC
WP
10.5
V
PD
Power Dissipation
126
mW
Tsolder
Soldering Temperature (10s)
260
°C
Tstg
Storage Temperature
−55~150
°C
Topr
Operating Temperature
−40~85
°C
IOSHORT
Output Short-Circuit Current
(1)
100
mA
(1) Outputs should be shorted for no more than one second.
No more than one output should be shorted at a time.
CAPACITANCE (Ta
==== 25°C, f ==== 1 MHz)
TSOPI
SYMBOL
PARAMETER
CONDITION
MAX
UNIT
CIN
Input Pin Capacitance
VIN = 0 V
4
pF
COUT
Output Pin Capacitance
VOUT = 0 V
8
pF
CIN2
Control Pin Capacitance
VIN = 0 V
7
pF
This parameter is periodically sampled and is not tested for every device.
TFBGA
SYMBOL
PARAMETER
CONDITION
MAX
UNIT
CIN
Input Pin Capacitance
VIN = 0 V
TBD
pF
COUT
Output Pin Capacitance
VOUT = 0 V
TBD
pF
CIN2
Control Pin Capacitance
VIN = 0 V
TBD
pF
This parameter is periodically sampled and is not tested for every device.
RECOMMENDED DC OPERATING CONDITIONS
SYMBOL
PARAMETER
MIN
MAX
UNIT
VDD
VDD Supply Voltage
2.7
3.6
VIH
Input High-Level Voltage
0.7
× VDD
VDD + 0.3
(2)
VIL
Input Low-Level Voltage
−0.3
(1)
0.2
× VDD
VID
High-Level Voltage for A9, OE and RESET
11.4
12.6
VACC
High-Level Voltage for
/ACC
WP
8.5
9.5
V
Ta
Operating Temperature
−40
85
°C
(1)
−2 V (pulse width of 20 ns max)
(2)
+2 V (pulse width of 20 ns max)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com