Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP210 Datasheet(PDF) 2 Page - RFHIC

Part # CP210
Description  Directional Coupler
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

CP210 Datasheet(HTML) 2 Page - RFHIC

  CP210 Datasheet HTML 1Page - RFHIC CP210 Datasheet HTML 2Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
D
Diir
re
ec
cttiio
on
na
all
C
Co
ou
up
plle
er
r
C
CP
P2
21
10
0
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 6.2
Typical Performance Data at 25℃ (SOIC-8 Package)
1.95
2.00
2.05
2.10
2.15
1.90
2.20
-2.5
-2.0
-1.5
-1.0
-0.5
-3.0
0.0
Frequency(GHz)
Insertion Loss vs. Frequency
1.95
2.00
2.05
2.10
2.15
1.90
2.20
-20
-15
-10
-5
0
-25
5
Frequency(GHz)
Output Return Loss vs. Frequency
1.95
2.00
2.05
2.10
2.15
1.90
2.20
-25
-20
-15
-10
-5
-30
0
Frequency(GHz)
Coupling Port Return Loss vs. Frequency
1.95
2.00
2.05
2.10
2.15
1.90
2.20
-20
-15
-10
-5
0
-25
5
Frequency(GHz)
Input Return Loss vs. Frequency
1.95
2.00
2.05
2.10
2.15
1.90
2.20
-18
-16
-14
-12
-20
-10
Frequency(GHz)
Coupling vs. Frequency
1.95
2.00
2.05
2.10
2.15
1.90
2.20
-25
-20
-15
-10
-5
-30
0
Frequency(GHz)
Isolation vs. Frequency
RFHIC Corporation (RFHIC) reserves the right to make changes to any products herein or to discontinue any product at any time without notice. RFHIC do not
assume any liability for the suitability of its products for any particular purpose, and disclaims any and all liability, including without limitation consequential or
incidental damages. The product specifications herein expressed have been carefully checked and are assumed to be reliable. However, RFHIC disclaims liability for
inaccuracies and strongly recommends buyers to verify that the information they are using is current before placing purchase orders. RFHIC products are not
intended for use in life support equipment or application where malfunction of the product can be expected to result in personal injury or death. Buyer uses or sells
such products for any such unintended or unauthorized application, buyer shall indemnify, protect and hold RFHIC and its directors, officers, stockholders,
employees, representatives and distributors harmless against any and all claims arising out of such use. RFHIC’s liability under or arising out of damages, claims of
whatsoever kind and nature which RFHIC products could cause shall be limited in amount to the net purchase price of the products sold to buyer by RFHIC
.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com