Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP211 Datasheet(PDF) 1 Page - RFHIC

Part # CP211
Description  Directional Coupler
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

CP211 Datasheet(HTML) 1 Page - RFHIC

  CP211 Datasheet HTML 1Page - RFHIC CP211 Datasheet HTML 2Page - RFHIC CP211 Datasheet HTML 3Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
D
Diir
re
ec
cttiio
on
na
all
C
Co
ou
up
plle
er
r
C
CP
P2
21
11
1
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 1.0
Product Features
Application
• Passive Integration on Silicon
• Low Insertion Loss
• High Isolation
• Solder Pad
• Low Cost
• Repeater
• Base Station
• RF Sub-Systems
Description
The CP Series is a monolithic directional coupler for low cost wireless applications.
Specifications at 25℃, 50Ω in/out impedance
Block Diagram & Pin Out
Absolute Maximum Ratings
PARAMETER
Units
Min
Typ
Max
Frequency Range
MHz
1900
2200
Insertion Loss
dB
0.3
0.5
Input Return Loss
dB
25
40
Output Return Loss
dB
25
35
Coupling
dB
13
14
15
Coupling Return Loss
dB
18
23
Isolation
dB
18
23
Remarks
MHz
2100
Parameter
Value
Input Power
1 W
Operating
Temperature
-40 ~ +85℃
Storage
Temperature
-65 ~ + 150℃


Similar Part No. - CP211

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CP211 CENTRAL-CP211 Datasheet
218Kb / 2P
Power Transistor NPN - Amp/Switch Transistor Chip
CP211-TIP41C CENTRAL-CP211-TIP41C Datasheet
689Kb / 5P
NPN - Power Transistor Die 6.0 Amp, 100 Volt
R0 10-February 2016
CP211-TIP41C-CT CENTRAL-CP211-TIP41C-CT Datasheet
689Kb / 5P
NPN - Power Transistor Die 6.0 Amp, 100 Volt
R0 10-February 2016
logo
Silicon Laboratories
CP2110 SILABS-CP2110 Datasheet
322Kb / 30P
DEVICE CUSTOMIZATION GUIDE
CP2110 SILABS-CP2110 Datasheet
198Kb / 54P
HID-TO-UART API SPECIFICATION
More results

Similar Description - CP211

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
DC17-73 ALPHA-DC17-73 Datasheet
58Kb / 3P
Directional Coupler
logo
Mini-Circuits
ZFDC-10-5 MINI-ZFDC-10-5 Datasheet
77Kb / 1P
Directional Coupler
logo
Merrimac Industries, In...
CSD-20H-2.2G MERRIMAC-CSD-20H-2.2G Datasheet
137Kb / 5P
DIRECTIONAL COUPLER
CSDZ-10H-1.1G MERRIMAC-CSDZ-10H-1.1G Datasheet
148Kb / 2P
DIRECTIONAL COUPLER
CSDZ-20H-1.1G MERRIMAC-CSDZ-20H-1.1G Datasheet
149Kb / 2P
DIRECTIONAL COUPLER
logo
American Accurate Compo...
JXWBOH-T-10900-12750-10 AAC-JXWBOH-T-10900-12750-10 Datasheet
79Kb / 1P
Directional Coupler
logo
RFHIC
CP261 RFHIC-CP261 Datasheet
177Kb / 3P
Directional Coupler
CP360 RFHIC-CP360 Datasheet
154Kb / 2P
Directional Coupler
logo
SYNERGY MICROWAVE CORPO...
GC6-2 SYNERGY-GC6-2 Datasheet
341Kb / 3P
Directional coupler
KDK-20-225 SYNERGY-KDK-20-225 Datasheet
252Kb / 3P
Directional coupler
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com