Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD23T2 Datasheet(PDF) 1 Page - RFHIC

Part # PD23T2
Description  2Way Power Divider
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

PD23T2 Datasheet(HTML) 1 Page - RFHIC

  PD23T2 Datasheet HTML 1Page - RFHIC PD23T2 Datasheet HTML 2Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2
2W
Wa
ay
y
P
Po
ow
we
er
r D
Diiv
viid
de
er
r
P
PD
D2
23
3T
T2
2
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 1.2
Product Features
Application
• Passive Integration on Silicon
• Low Insertion Loss
• High Isolation
• Solder Pad
• Good Balance
• Low Cost
• Repeater
• Base Station
• RF Sub-Systems
Description
The 2 way power divider is low loss, high isolation, good matching, and phase / amplitude.
The PD23T2 is a monolithic two-way in phase hybrid junction tuned for the 2200~2400MHz band.
Specifications at 25℃
Block Diagram & Pin Out
Absolute Maximum Ratings
PARAMETER
Units
Min
Typ
Max
Frequency Range
MHz
2200
2400
Insertion Loss
dB
0.3
0.5
Input Return Loss
dB
11
13
Output Return Loss
dB
15
18
Isolation
dB
17
19
Phase difference
Deg.
1
3
Amplitude difference
dB
0.1
0.3
Remarks
MHz
2300
Parameter
Value
Input Power
1 W
Operating
Temperature
-40 ~ +85℃
Storage
Temperature
-65 ~ + 150℃
Output_2
Output_1
Input
Package : SOT-23-6L


Similar Part No. - PD23T2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PD23-02 ETC-PD23-02 Datasheet
82Kb / 1P
PHOTO DIODES 2.4;3.6 UM
logo
Nihon Inter Electronics...
PD230S16 NIEC-PD230S16 Datasheet
126Kb / 2P
230A Avg 1600 Volts
logo
Kyocera Kinseki Corpota...
PD230S16 KSS-PD230S16 Datasheet
852Kb / 5P
Diode
logo
National Instruments Co...
PD230S16 NI-PD230S16_15 Datasheet
126Kb / 2P
DIODE
logo
Nihon Inter Electronics...
PD230S8 NIEC-PD230S8 Datasheet
83Kb / 1P
230A Avg 800 Volts
More results

Similar Description - PD23T2

ManufacturerPart #DatasheetDescription
logo
RFHIC
PD09C2 RFHIC-PD09C2 Datasheet
171Kb / 2P
2Way Power Divider
PD09T2 RFHIC-PD09T2 Datasheet
166Kb / 2P
2Way Power Divider
PD18C2 RFHIC-PD18C2 Datasheet
169Kb / 2P
2Way Power Divider
PD18T2 RFHIC-PD18T2 Datasheet
166Kb / 2P
2Way Power Divider
PD20C2 RFHIC-PD20C2 Datasheet
168Kb / 2P
2Way Power Divider
PD23C2 RFHIC-PD23C2 Datasheet
168Kb / 2P
2Way Power Divider
PD26C2 RFHIC-PD26C2 Datasheet
168Kb / 2P
2Way Power Divider
PD26T2 RFHIC-PD26T2 Datasheet
164Kb / 2P
2Way Power Divider
PD36C2 RFHIC-PD36C2 Datasheet
168Kb / 2P
2Way Power Divider
PD36T2 RFHIC-PD36T2 Datasheet
164Kb / 2P
2Way Power Divider
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com