Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCL1502-L Datasheet(PDF) 1 Page - RFHIC

Part # LCL1502-L
Description  MCM LNA
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

LCL1502-L Datasheet(HTML) 1 Page - RFHIC

  LCL1502-L Datasheet HTML 1Page - RFHIC LCL1502-L Datasheet HTML 2Page - RFHIC LCL1502-L Datasheet HTML 3Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
M
MC
CM
M L
LN
NA
A
L
LC
CL
L0
04
40
02
2--L
L // L
LC
CL
L0
09
90
02
2--L
L
L
LC
CL
L1
15
50
02
2--L
L
▪ Tel : 82-31-250-5011
page 1/3
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 6.1
Product Features
Applications
• Multichip Hybrid Module
• GaAs p-HEMT & MESFET chip on board
• No matching circuit needed
• High IP3 & Low Noise
• Single Supply Voltage (+5V)
• Surface Mount Hybrid Type
• Tape & Reel Packaging
• Small Size, High Heatsink
• Alumina Substrate
• Pb Free / RoHS Standard
• 2G & 3G Repeater
• Base Station
• PCS, CDMA, W-CDMA
• GSM, DCS, UMTS
• WiMAX, Wibro, WLAN
• RF Sub-Systems
Descriptions
RFHIC’s LOW Noise Amplifier series are all hybrid LNA type products which includes all matching for the convenience of
customers. LCL series are focused on higher OIP3 while maintaining low noise. The structure of the device is built with GaAs p-
HEMT die attached on a ceramic thick film substrate. The device is still smaller than the area one would use for the application
notes all together. Depending on the part number, one can use this in different frequency applications. All LNA hybrids are
possible to have custom frequency & spec without any additional NRE cost involved.
All RFHIC products are RoHS compliant.
Electrical Specifications
Parameter
Units
LCL0402-L
LCL0902-L
LCL1502-L
Frequency Range
MHz
380~520
824~894
(Cellular)
890~960
(GSM)
1300~1850
Small Signal Gain (S21)
dB
33.5
33.5
33
28
Gain Flatness
dB
±0.5
±0.5
±0.5
±0.5
Input Return Loss (S11)
dB
-15
-15
-15
-15
Output Return Loss (S22)
dB
-13
-13
-13
-13
1dB Compression Point (P1dB)
dBm
21
21
21
21
Output 3rd Order Intercept Point
(OIP3) (TYP.)
dBm
40
36
36
35
Noise Figure (TYP.)
dB
1.2
0.9
0.8
0.8
DC Supply Current (Vdc=+5V)
mA
150~190
150~190
150~190
150~190
Test Condition
①
Supply voltage = +5V, 50ohm System, Ta = 25℃
OIP3 is measured with two tones, at an output power of +
②
10dBm/tone separated by 1MHz.
Package : CP-16B


Similar Part No. - LCL1502-L

ManufacturerPart #DatasheetDescription
logo
RFHIC
LCL1502-L RFHIC-LCL1502-L Datasheet
177Kb / 4P
Multichip Hybrid Module
More results

Similar Description - LCL1502-L

ManufacturerPart #DatasheetDescription
logo
RFHIC
LCL1802-L RFHIC-LCL1802-L Datasheet
188Kb / 3P
MCM LNA
LCL2302-L RFHIC-LCL2302-L Datasheet
187Kb / 3P
MCM LNA
LCL0912-L RFHIC-LCL0912-L Datasheet
188Kb / 3P
MCM LNA
LCL2112-L RFHIC-LCL2112-L Datasheet
188Kb / 3P
MCM LNA
LCL3212-L RFHIC-LCL3212-L Datasheet
187Kb / 3P
MCM LNA
LCL1503-L RFHIC-LCL1503-L Datasheet
187Kb / 3P
MCM LNA
LCL1903-L RFHIC-LCL1903-L Datasheet
187Kb / 3P
MCM LNA
LCL2603-L RFHIC-LCL2603-L Datasheet
187Kb / 3P
MCM LNA
LCL1904-L RFHIC-LCL1904-L Datasheet
188Kb / 3P
MCM LNA
logo
Maxwell Technologies
79C04085 MAXWELL-79C04085 Datasheet
359Kb / 20P
4 Megabit EEPROM MCM
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com