Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP249 Datasheet(PDF) 1 Page - RFHIC

Part # AP249
Description  MMIC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AP249 Datasheet(HTML) 1 Page - RFHIC

  AP249 Datasheet HTML 1Page - RFHIC AP249 Datasheet HTML 2Page - RFHIC AP249 Datasheet HTML 3Page - RFHIC AP249 Datasheet HTML 4Page - RFHIC AP249 Datasheet HTML 5Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
M
MM
MIIC
C
A
AP
P2
24
49
9
Product Features
Application
• 50 ~ 3000 MHz
• GaAs MMIC
• 43dBm Output IP3
• 26dB Gain
• 24dBm P1dB
• Single +9V Supply
•C DMA,W-CDMA Medium Power Amplifier
• High Linearity Drive Amplifier
Description
AP249 is a high linearity amplifier designed with GaAs MMIC. AP249 is designed for applications such as GSM, CDMA, W-
CDMA driver devices which require high IP3
ELECTRICAL CHARACTERISTICS
Absolute Minimum and Maximum Ratings
PARAMETER
UINT
MIN
MAX
Device Voltage
VDC
+12
RF Input Power
dBm
+10
Storage Temperature
℃
-40
+150
Package : SOIC-8
Operating Ranges
PARAMETER
UNIT
MIN
TYP
MAX
Operating Frequency
MHz
250
3000
Device Voltage
VDC
+9
+10
Case Temperature
℃
-40
+85
Electrical Specifications
(Ta=+25℃, VDD=+9V, Fc=900 MHz)
PARAMETER
UNIT
MIN
TYP
MAX
Gain
dB
27
28
Input Return Loss
dB
-15
Output Return Loss
dB
-15
Output IP3
dBm
+40
+43
1dB Compression Point
dBm
+24
Noise Figure
dB
2.5
DC Current
mA
240
Supply Voltage
VDC
+9
Thermal Resistance(Rth)
℃
/W
20
OIP3 is measured with two tones, at an output power of 10dBm/tone separated by 1MHz
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 5.3


Similar Part No. - AP249

ManufacturerPart #DatasheetDescription
logo
RFHIC
AP249 RFHIC-AP249 Datasheet
215Kb / 6P
High Linearity Drive Amplifier
AP249 RFHIC-AP249_14 Datasheet
215Kb / 6P
High Linearity Drive Amplifier
More results

Similar Description - AP249

ManufacturerPart #DatasheetDescription
logo
RFHIC
AP112 RFHIC-AP112 Datasheet
301Kb / 5P
MMIC
AP410 RFHIC-AP410 Datasheet
421Kb / 7P
MMIC
AP205A RFHIC-AP205A Datasheet
274Kb / 7P
MMIC
AP209 RFHIC-AP209 Datasheet
288Kb / 10P
MMIC
AP245 RFHIC-AP245 Datasheet
302Kb / 5P
MMIC
AP211 RFHIC-AP211 Datasheet
303Kb / 5P
MMIC
AP222 RFHIC-AP222 Datasheet
292Kb / 5P
MMIC
AP230SO8 RFHIC-AP230SO8 Datasheet
279Kb / 4P
MMIC
AP2221 RFHIC-AP2221 Datasheet
255Kb / 7P
MMIC
logo
ON Semiconductor
SMA3107 ONSEMI-SMA3107 Datasheet
607Kb / 7P
MMIC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com