Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2AM0905S Datasheet(PDF) 1 Page - RFHIC

Part # 2AM0905S
Description  Variable Gain Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

2AM0905S Datasheet(HTML) 1 Page - RFHIC

  2AM0905S Datasheet HTML 1Page - RFHIC 2AM0905S Datasheet HTML 2Page - RFHIC 2AM0905S Datasheet HTML 3Page - RFHIC 2AM0905S Datasheet HTML 4Page - RFHIC 2AM0905S Datasheet HTML 5Page - RFHIC 2AM0905S Datasheet HTML 6Page - RFHIC 2AM0905S Datasheet HTML 7Page - RFHIC 2AM0905S Datasheet HTML 8Page - RFHIC 2AM0905S Datasheet HTML 9Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
V
Va
ar
riia
ab
blle
e G
Ga
aiin
n
Amplifier
2
2A
AM
M S
Se
er
riie
ess
▪ Tel : 82-31-250-5011
Page 1/9
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 1.2
Product Features
Application
• Multi-chip hybrid module
• MESFET&HBT chip on board
• 2 stage Gain Block amplifier
Which includes a digital attenuator
• 6-bit RF digital step attenuator covering
a 31.5dB attenuation range in 0.5dB steps
• Module system simplification
• No External Matching Circuit Needed
• Cutom Design Available
• Alumina Substrate
• Pb Free / RoHS Compliant
• Repeater
• Base Station
• RF Sub-Systems
• IMT, WCDMA, UMTS,
Wimax, Wibro
Description
Variable Gain Amplifier 2AM Series can be used in any applications that need Gain Control according to Input Signal Level.
Also, 2AM Series can be applied to various frequency system combined with GaAs MESFET or InGaP HBT MMIC.
2AM series are a hybrid module which has 2-stage Amplifier chip and Attenuator chip mounted on a Ceramic board.
Attenuator is 0.5dB step 6-bit digital attenuator which has 31.5dB of total attenuation.
Original version use GaAs MESFET amplifiers but RFHIC can customize the amplifier IC used in the hybrid to be
either HBT, E-pHEMT or any other technology depending on specification requirements.
Electrical Specifications
Absolute Maximum Ratings
PARAMETER
Rating
Remark
Operating Case Temperature (℃)
-40 ~ +85
Storage Temperature (℃)
-40 ~ +150
Supply Voltage (V)
+6
Functional Diagram
Package : CP-5CS
Part
Number
Frequency
(MHz)
Gain
(dB)
NF
(dB)
P1dB
(dBm)
OIP3
(dBm)
Vd
(V)
Id
(mA)
2AM0405S
50~200
28
3
21
39
5
240
2AM0905S
824~960
25
3
21
39
5
240
2AM2105S
1920~2170
17
3
21
39
5
240
2AM0921S
400~1500
25.5
6
21
39
5
190
2AM2121S
1700~2300
22
6
21
39
5
190
* 50Ω RF Digital Attenuator insertion. 6-bit Flexible serial programming interfaces


Similar Part No. - 2AM0905S

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
2AM SENSATA-2AM Datasheet
228Kb / 6P
Motor Protector
logo
Altech corporation
2AM1 ALTECH-2AM1 Datasheet
184Kb / 1P
22mm Non-Illuminated Mushroom Momentary Mental Operator 2AMx
2AM2 ALTECH-2AM2 Datasheet
184Kb / 1P
22mm Non-Illuminated Mushroom Momentary Mental Operator 2AMx
2AM3 ALTECH-2AM3 Datasheet
184Kb / 1P
22mm Non-Illuminated Mushroom Momentary Mental Operator 2AMx
2AM4 ALTECH-2AM4 Datasheet
184Kb / 1P
22mm Non-Illuminated Mushroom Momentary Mental Operator 2AMx
More results

Similar Description - 2AM0905S

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
VCA2617 BURR-BROWN-VCA2617 Datasheet
526Kb / 19P
Dual, Variable Gain Amplifier
logo
Hittite Microwave Corpo...
HMC996LP4E HITTITE-HMC996LP4E_12 Datasheet
550Kb / 8P
VARIABLE GAIN AMPLIFIER
HMC997LC4 HITTITE-HMC997LC4_12 Datasheet
581Kb / 8P
VARIABLE GAIN AMPLIFIER
logo
Cooper Bussmann, Inc.
HMC6187LP4E COOPER-HMC6187LP4E Datasheet
1Mb / 8P
VARIABLE GAIN AMPLIFIER
logo
BeRex Corporation
BVA305B BEREX-BVA305B Datasheet
1Mb / 18P
DIGITAL VARIABLE GAIN AMPLIFIER
logo
Analog Devices
AD8330 AD-AD8330_16 Datasheet
1Mb / 32P
Variable Gain Amplifier
5/2016-Rev. G to Rev. H
HMC996LP4E AD-HMC996LP4E Datasheet
479Kb / 8P
VARIABLE GAIN AMPLIFIER
HMC997LC4 AD-HMC997LC4 Datasheet
453Kb / 8P
VARIABLE GAIN AMPLIFIER
HMC6187LP4E AD-HMC6187LP4E Datasheet
1,008Kb / 8P
VARIABLE GAIN AMPLIFIER
logo
NXP Semiconductors
OM7922 NXP-OM7922 Datasheet
104Kb / 2P
Variable gain amplifier
5/21/2012
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com