Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA112B-SEF.VG-R1-PF Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

Part # LA112B-SEF.VG-R1-PF
Description  LED ARRAY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LA112B-SEF.VG-R1-PF Datasheet(HTML) 5 Page - LIGITEK electronics co., ltd.

  LA112B-SEF.VG-R1-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LA112B-SEF.VG-R1-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LA112B-SEF.VG-R1-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LA112B-SEF.VG-R1-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LA112B-SEF.VG-R1-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LA112B-SEF.VG-R1-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LA112B-SEF.VG-R1-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Wavelength (nm)
500
550
0.0
0.5
600
650
Ambient Temperature(
℃)
Fig.5 Relative Intensity vs. Wavelength
Fig.3 Forward Voltage vs. Temperature
1.0
0
-20
-40
0.8
1.0
0.9
1.1
1.2
0.5
0
Ambient Temperature(
℃)
100
80
60
40
20
-40
-20
0.0
100
60
80
20
40
Fig.4 Relative Intensity vs. Temperature
2.5
1.5
1.0
2.0
3.0
4/6
Page
Fig.1 Forward current vs. Forward Voltage
Forward Voltage(V)
Typical Electro-Optical Characteristics Curve
100
1.0
0.1
2.0
1.0
10
1000
VG CHIP
10
Forward Current(mA)
4.0
3.0
5.0
0.0
1.0
1.5
0.5
1.0
2.5
2.0
1000
100
Fig.2 Relative Intensity vs. Forward Current
3.5
3.0
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
PART NO. LA112B/SEF.VG-R1-PF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com