Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD2391 Datasheet(PDF) 1 Page - RFHIC

Part # MD2391
Description  Active Down Mixer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

MD2391 Datasheet(HTML) 1 Page - RFHIC

  MD2391 Datasheet HTML 1Page - RFHIC MD2391 Datasheet HTML 2Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A
Ac
cttiiv
ve
e D
Do
ow
wn
n
M
Miix
xe
er
r
M
MD
D2
23
39
91
1
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 6.05
Product Features
Application
• Integrated Monolithic GaAs Mixer Package Module
• High Reliability
• Lower Manufacturing Cost
• Higher Productivity
• Very Low Noise Figure & Low Distortion
• Repeater
• Base Station
• RF Sub-Systems
Description
The IC operates from a positive +5V rail consuming 145 mA of current while only requiring a 2±2 dBm LO drive.
The MCM is implemented with reliable and mature GaAs MESFET technology.
Specifications
(Operating Temperature: -30
°C~+70°C)
Test Conditions : Ta=25
°C, Vdd=5V, P
LO2dBm, IF=70MHz,
Part
Number
RF
Frequency
(MHz)
IF
Frequency
(MHz)
Conversion
Gain
(dB)
IIP3
(dBm)
NF
(dB)
Output
P1dB
(dB)
LO to IF
Leakage
(dBm)
RF to IF
Leakage
(dBm)
Vdd/Idd
2200~2350
9
17
8.5
9
MD2391
2350~2500
50-200
7
18
9
7
-18
-18
5V/145mA
Functional Diagram
Package Dimensions (Type: HY-2)
Top
Side
Recommended Pattern
Pin No.
Function
1 or 14
Vdd+5V
5
RF In
9
LO In
12
IF Out
2,3,4,6,7,8,10,11,13
Ground
1
1
5
9
12
14
7
8
14
Package Type: HY-2


Similar Part No. - MD2391

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MD2310FX STMICROELECTRONICS-MD2310FX Datasheet
254Kb / 10P
High voltage NPN Power transistor for standard definition CRT display
29-Sep-2006
logo
Central Semiconductor C...
MD2369 CENTRAL-MD2369 Datasheet
54Kb / 1P
Dual Transistors
MD2369 CENTRAL-MD2369 Datasheet
54Kb / 1P
Dual Transistors
logo
Motorola, Inc
MD2369 MOTOROLA-MD2369 Datasheet
70Kb / 1P
Multiple Small-Signal Transistors
logo
Central Semiconductor C...
MD2369A CENTRAL-MD2369A Datasheet
54Kb / 1P
Dual Transistors
More results

Similar Description - MD2391

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
MAX-9H MINI-MAX-9H Datasheet
82Kb / 1P
Active Mixer
MAX-19H MINI-MAX-19H Datasheet
81Kb / 1P
Active Mixer
logo
RFHIC
MO9Q RFHIC-MO9Q Datasheet
249Kb / 3P
Active Down Mixer
MD1891 RFHIC-MD1891 Datasheet
210Kb / 3P
Active Down Mixer
MD2191 RFHIC-MD2191 Datasheet
210Kb / 3P
Active Down Mixer
MD0993 RFHIC-MD0993 Datasheet
183Kb / 2P
Active Down Mixer
MD2193 RFHIC-MD2193 Datasheet
189Kb / 3P
Active Down Mixer
logo
Mini-Circuits
MACA-63H MINI-MACA-63H Datasheet
358Kb / 2P
Active Mixer
MACA-242H MINI-MACA-242H Datasheet
340Kb / 2P
Active Mixer
UNCL-L1H MINI-UNCL-L1H Datasheet
233Kb / 2P
Active Mixer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com