Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA112B-XG-R1-AS-PF Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LA112B-XG-R1-AS-PF
Description  LED ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LA112B-XG-R1-AS-PF Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LA112B-XG-R1-AS-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LA112B-XG-R1-AS-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LA112B-XG-R1-AS-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LA112B-XG-R1-AS-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LA112B-XG-R1-AS-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LA112B-XG-R1-AS-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Green Diffused
Lens
COLOR
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Absolute Maximum Ratings at Ta=25
℃
IFP
PD
IF
Ir
Tstg
Topr
Symbol
Typical Electrical & Optical Characteristics (Ta=25
℃)
MATERIAL
PART NO
GaP
LA112B/XG-R1-AS-PF
Green
Emitted
Power Dissipation
Storage Temperature
Reverse Current @5V
Operating Temperature
Forward Current
Peak Forward Current
Duty 1/10@10KHz
Parameter
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Typ.
Luminous
intensity
@10mA(mcd)
Spectral
halfwidth
△λnm
Peak
wave
length
λPnm
Forward
voltage
@20mA(V)
565
30
2.6
Max.
Min.
1.7
Min.
12
20
Viewing
angle
2
θ 1/2
(deg)
50
mW
100
-40 ~ +100
-40 ~ +85
10
℃
℃
μA
Absolute Maximum Ratings
120
30
G
mA
mA
UNIT
Page 2/5
PART NO. LA112B/XG-R1-AS-PF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com