Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2F8718P Datasheet(PDF) 3 Page - RFHIC

Part # 2F8718P
Description  CATV Line Amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

2F8718P Datasheet(HTML) 3 Page - RFHIC

  2F8718P Datasheet HTML 1Page - RFHIC 2F8718P Datasheet HTML 2Page - RFHIC 2F8718P Datasheet HTML 3Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
C
CA
AT
TV
V L
Liin
ne
e A
Am
mp
plliiffiie
er
r
2
2F
F8
87
71
18
8P
P
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 5.3
+
47㎌
NOTES FOR CORRECT USE
Package Dimensions (Type: SOT-115J)
Pin No.
Function
1
2, 3, 7, 8
5
9
RF Input
Ground
Vcc
RF Output
1.
On the power input port (Pin#5), 47uF/35V capacitor GND is
recommended.
2.
The heat sink of CATV Hybrids is to be mounted in direct contact with the
metal case of the equipment. Heat conducting grease should be applied to
the module/equipment interface and the unit tightly secured.
3.
Put the power off before adjusting in/output matching of the system.
4.
The unit must have a common ground with the equipment and the
analyzer.
5.
Pay close attention to the input voltage not to over power the hybrid.
6.
The space between bottom of socket and the tip of the lead is
recommended to have space of 2mm+ to protect the pin
7.
Do not open the plastic cover to change the matching inside the hybrid.
Once opened, RFHIC will not be responsible for the hybrid.
RFHIC Corporation (RFHIC) reserves the right to make changes to any products herein or to discontinue any product at any time without notice. RFHIC do not
assume any liability for the suitability of its products for any particular purpose, and disclaims any and all liability, including without limitation consequential or
incidental damages. The product specifications herein expressed have been carefully checked and are assumed to be reliable. However, RFHIC disclaims liability for
inaccuracies and strongly recommends buyers to verify that the information they are using is current before placing purchase orders. RFHIC products are not
intended for use in life support equipment or application where malfunction of the product can be expected to result in personal injury or death. Buyer uses or sells
such products for any such unintended or unauthorized application, buyer shall indemnify, protect and hold RFHIC and its directors, officers, stockholders,
employees, representatives and distributors harmless against any and all claims arising out of such use. RFHIC’s liability under or arising out of damages, claims of
whatsoever kind and nature which RFHIC products could cause shall be limited in amount to the net purchase price of the products sold to buyer by RFHIC
.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com