Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8406 Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS8406
Description  192 kHz Digital Audio Interface Transmitter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8406 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS8406 Datasheet HTML 25Page - Cirrus Logic CS8406 Datasheet HTML 26Page - Cirrus Logic CS8406 Datasheet HTML 27Page - Cirrus Logic CS8406 Datasheet HTML 28Page - Cirrus Logic CS8406 Datasheet HTML 29Page - Cirrus Logic CS8406 Datasheet HTML 30Page - Cirrus Logic CS8406 Datasheet HTML 31Page - Cirrus Logic CS8406 Datasheet HTML 32Page - Cirrus Logic CS8406 Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
DS580F5
29
CS8406
The channel status block pin (TCBL) may be an input or an output, determined by the state of the TCBLD
pin.
10.2
Serial Audio Port
The serial audio input port data format is selected as shown in Table 3, and may be set to master or slave
by the state of the APMS input pin. The OMCK clock ratio is selected as shown in Table 4. Table 5 describes
the equivalent Software Mode, bit settings for each of the available formats. Timing diagrams are shown in
Figure 7.
COPY/C
ORIG
Function
0
0
PRO=0, COPY=0, L=0 copyright
0
1
PRO=0, COPY=0, L=1 copyright, pre-recorded
1
0
PRO=0, COPY=1, L=0 non-copyright
11
PRO=1
Table 2. Hardware Mode COPY/C and ORIG Pin Functions
SFMT1 SFMT0
Function
0
0
Serial Input Format IF1 - Left Justified
0
1
Serial Input Format IF2 - I²S
1
0
Serial Input Format IF3 - Right-Justified, 24-bit data
1
1
Serial Input Format IF4 - Right-Justified, 16-bit data
Table 3. Hardware Mode Serial Audio Port Format Selection
HWCK1 HWCK0
Function
0
0
OMCK Frequency is 256*Fs
0
1
OMCK Frequency is 128*Fs
1
0
OMCK Frequency is 512*Fs
1
1
OMCK Frequency is 256*Fs
Table 4. Hardware Mode OMCK Clock Ratio Selection
SISF
SIRES1/0 SIJUST
SIDEL
SISPOL
SILRPOL
IF1 - Left Justified
0
00
0
0
0
0
IF2 - I²S
0
00
0
1
0
1
IF3 - Right-Justified, 24-bit data
0
00
1
0
0
0
IF4 - Right-Justified, 16-bit data
0
10
1
0
0
0
Table 5. Equivalent Register Settings of Serial Audio Input Formats in Hardware Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com