Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8406-CSZ Datasheet(PDF) 36 Page - Cirrus Logic

Part # CS8406-CSZ
Description  192 kHz Digital Audio Interface Transmitter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8406-CSZ Datasheet(HTML) 36 Page - Cirrus Logic

Back Button CS8406-CSZ Datasheet HTML 32Page - Cirrus Logic CS8406-CSZ Datasheet HTML 33Page - Cirrus Logic CS8406-CSZ Datasheet HTML 34Page - Cirrus Logic CS8406-CSZ Datasheet HTML 35Page - Cirrus Logic CS8406-CSZ Datasheet HTML 36Page - Cirrus Logic CS8406-CSZ Datasheet HTML 37Page - Cirrus Logic CS8406-CSZ Datasheet HTML 38Page - Cirrus Logic CS8406-CSZ Datasheet HTML 39Page - Cirrus Logic CS8406-CSZ Datasheet HTML 40Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
36
DS580F5
CS8406
Note:
1.
Dimensioning lead width applies to the metallized terminal and is measured between 0.15 mm and
0.25 mm from the terminal tip.
INCHES
MILLIMETERS
NOTE
DIM
MIN
NOM
MAX
MIN
NOM
MAX
A
0.031496
0.035433
0.03937
0.800
0.900
1.000
A1
0.000
0.000787
0.001969
0.000
0.020
0.050
b
0.005906
0.007874
0.009843
0.150
0.200
0.250
1
e
--
0.015748
--
--
0.400
--
D
0.153543
0.15748
0.161417
3.900
4.000
4.100
D2
0.098425
0.102362
0.106299
2.500
2.600
2.700
E
0.153543
0.15748
0.161417
3.900
4.000
4.100
E2
0.098425
0.102362
0.106299
2.500
2.600
2.700
L
0.011811
0.015748
0.019685
0.300
0.400
0.500
JEDEC #: MO-220
Controlling Dimension is Millimeters.
PIN #1
CORNER
L
A
A1
e
b
D2
E2
D
1.00 REF
PIN #1 IDENTIFIER
LASER MARKING
E
TOP VIEW
SIDE VIEW
BOTTOM VIEW
28L QFN (4.00 mm BODY) PACKAGE DRAWING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com