Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4970X4 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS4970X4
Description  High Definition Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4970X4 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS4970X4 Datasheet HTML 9Page - Cirrus Logic CS4970X4 Datasheet HTML 10Page - Cirrus Logic CS4970X4 Datasheet HTML 11Page - Cirrus Logic CS4970X4 Datasheet HTML 12Page - Cirrus Logic CS4970X4 Datasheet HTML 13Page - Cirrus Logic CS4970X4 Datasheet HTML 14Page - Cirrus Logic CS4970X4 Datasheet HTML 15Page - Cirrus Logic CS4970X4 Datasheet HTML 16Page - Cirrus Logic CS4970X4 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
DS752PP8
Copyright 2009 Cirrus Logic
13
CS4970x4 Data Sheet
32-bit High Definition Audio Decoder DSP Family
5.9 Switching Characteristics — Internal Clock
5.10 Switching Characteristics — Serial Control Port - SPI Slave Mode
.
Parameter
Symbol
Min
Max
Unit
Internal DCLK frequency1
CS497004-CQZ
CS497004-CQZR
CS497024-CVZ
CS497024-CVZR
CS497024-CVZ
CS497024-CVZR
1.After initial power-on reset, Fdclk = Fxtal. After initial kickstart commands, the PLL is locked to max Fdclk and remains
locked until the next power-on reset.
Fdclk
Fxtal
150
MHz
Internal DCLK period1
CS497004-CQZ
CS497004-CQZR
CS497024-CVZ
CS497024-CVZR
CS497024-CVZ
CS497024-CVZR
DCLKP
6.7
1/Fxtal
ns
Parameter
Symbol
Min
Typical
Max
Units
SCP_CLK frequency1
1. The specification fspisck indicates the maximum speed of the hardware. The system designer should be aware that
the actual maximum speed of the communication port may be limited by the firmware application. Flow control
using the SCP_BSY# pin should be implemented to prevent overflow of the input data buffer.At boot the
maximum speed is Fxtal/3.
fspisck
-25
MHz
SCP_CS# falling to SCP_CLK rising
tspicss
24
-
ns
SCP_CLK low time
tspickl
20
-
ns
SCP_CLK high time
tspickh
20
-
ns
Setup time SCP_MOSI input
tspidsu
5-
ns
Hold time SCP_MOSI input
tspidh
5-
ns
SCP_CLK low to SCP_MISO output valid
tspidov
-11
ns
SCP_CLK falling to SCP_IRQ# rising
tspiirqh
-20
ns
SCP_CS# rising to SCP_IRQ# falling
tspiirql
0ns
SCP_CLK low to SCP_CS# rising
tspicsh
24
-
ns
SCP_CS# rising to SCP_MISO output high-Z
tspicsdz
-20
ns
SCP_CLK rising to SCP_BSY# falling
tspicbsyl
-3*DCLKP+20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com