Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLM2723-L Datasheet(PDF) 2 Page - RFHIC

Part # GLM2723-L
Description  Linear Amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

GLM2723-L Datasheet(HTML) 2 Page - RFHIC

  GLM2723-L Datasheet HTML 1Page - RFHIC GLM2723-L Datasheet HTML 2Page - RFHIC GLM2723-L Datasheet HTML 3Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
L
Liin
ne
ea
ar
r A
Am
mp
plliiffiie
er
r
G
GL
LM
M2
27
72
23
3--L
L
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 6.0
Performance Charts (Vd=5V, Id=200mA, Tc=25℃)
Frequency
MHz
2500
2540
2580
2620
2660
2700
Gain
dB
25.2
24.9
24.8
24.4
24.4
24.1
S11
dB
-29
-31
-29
-28
-27
-25
S22
dB
-19
-19
-19
-19
-19
-19
OIP3
dBm
41
41.5
42
41.5
42
42
P1dB
dBm
21.5
21.4
21.5
21.5
21.4
21.5
Noise Figure
dB
5.6
5.6
5.6
5.6
5.6
5.6
S-Parameter vs. Frequency
OIP3 vs. Frequency
Noise Figure vs. Frequency
P1dB vs. Frequency
-40
-30
-20
-10
0
10
20
30
2500
2540
2580
2620
2660
2700
Fr e q u e n c y (M H z )
20
25
30
35
40
45
50
2500
2540
2580
2620
2660
2700
Fr e q u e n c y ( M H z )
2
4
6
8
10
2500
2540
2580
2620
2660
2700
Fr e q u e n c y ( M H z )
10
15
20
25
30
2500
2540
2580
2620
2660
2700
Fre q u e n c y ( M H z )
Noise Figure vs. Frequency
P1dB vs. Frequency



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com