Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5542ABCPZ Datasheet(PDF) 12 Page - Analog Devices

Part # AD5542ABCPZ
Description  2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-/12-Bit nanoDACs in LFCSP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5542ABCPZ Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5542ABCPZ Datasheet HTML 8Page - Analog Devices AD5542ABCPZ Datasheet HTML 9Page - Analog Devices AD5542ABCPZ Datasheet HTML 10Page - Analog Devices AD5542ABCPZ Datasheet HTML 11Page - Analog Devices AD5542ABCPZ Datasheet HTML 12Page - Analog Devices AD5542ABCPZ Datasheet HTML 13Page - Analog Devices AD5542ABCPZ Datasheet HTML 14Page - Analog Devices AD5542ABCPZ Datasheet HTML 15Page - Analog Devices AD5542ABCPZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
AD5541A/AD5542A/AD5512A
Preliminary Technical Data
Rev. P
rA | Page 12 of 24
TERMINOLOGY
Relative Accuracy or Integral Nonlinearity (INL)
For the DAC, relative accuracy or INL is a measure of the
maximum deviation, in LSBs, from a straight line passing
through the endpoints of the DAC transfer function. A typical
INL vs. code plot is shown in Figure 14.
Differential Nonlinearity (DNL)
DNL is the difference between the measured change and the
ideal 1 LSB change between any two adjacent codes. A specified
differential nonlinearity of ±1 LSB maximum ensures mono-
tonicity. A typical DNL vs. code plot is shown in Figure 17.
Gain Error
Gain error is the difference between the actual and ideal analog
output range, expressed as a percent of the full-scale range.
It is the deviation in slope of the DAC transfer characteristic
from ideal.
Gain Error Temperature Coefficient
Gain error temperature coefficient is a measure of the change
in gain error with changes in temperature. It is expressed in
ppm/°C.
Zero Code Error
Zero code error is a measure of the output error when zero code
is loaded to the DAC register.
Zero Code Temperature Coefficient
This is a measure of the change in zero code error with a change
in temperature. It is expressed in mV/°C.
Digital-to-Analog Glitch Impulse
Digital-to-analog glitch impulse is the impulse injected into the
analog output when the input code in the DAC register changes
state. It is normally specified as the area of the glitch in nV-sec
and is measured when the digital input code is changed by
1 LSB at the major carry transition. A digital-to-analog glitch
impulse plot is shown in Figure 27.
Digital Feedthrough
Digital feedthrough is a measure of the impulse injected into
the analog output of the DAC from the digital inputs of the
DAC, but it is measured when the DAC output is not updated.
CS is held high while the CLK and DIN signals are toggled. It
is specified in nV-sec and is measured with a full-scale code
change on the data bus, that is, from all 0s to all 1s and vice
versa. A typical digital feedthrough plot is shown in Figure 26.
Power Supply Rejection Ratio (PSRR)
PSRR indicates how the output of the DAC is affected by changes
in the power supply voltage. Power-supply rejection ratio is
quoted in terms of percent change in output per percent change
in VDD for full-scale output of the DAC. VDD is varied by ±10%.
Reference Feedthrough
Reference feedthrough is a measure of the feedthrough from the
VREF input to the DAC output when the DAC is loaded with all
0s. A 100 kHz, 1 V p-p is applied to VREF. Reference feedthrough
is expressed in mV p-p.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com