Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N4902 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # 2N4902
Description  PNP SILICON TRANSISTORS, EPITAXIAL BASE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N4902 Datasheet(HTML) 2 Page - Comset Semiconductor

  2N4902 Datasheet HTML 1Page - Comset Semiconductor 2N4902 Datasheet HTML 2Page - Comset Semiconductor 2N4902 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJC
Thermal Resistance, Junction to Case
2
°C/W
RthJA
Junction to Free Air Thermal Resistance
47.3
°C/W
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Mx
Unit
2N4901
-40
2N4902
-60
VCEO(BR)
Collector-Emitter
Breakdown Voltage)
IC=200 mAdc, IB=0
2N4903
-80
-
-
V
VCE=-2.0 V, IC=-1.0 A
2N4901
2N4902
2N4903
20
-
80
hFE
DC Current Gain (*)
VCE=-2.0 V, IC=-5.0 A
2N4901
2N4902
2N4903
7
-
-
V
VCE=-40 V, IE=0
2N4901
-
-
0.1
VCE=-60 V, IE=0
2N4902
-
-
0.1
ICBO
Collector-Base cut-off
Current
VCE=-80 V, IE=0
2N4903
-
-
0.1
mA
VCE=-40 V, VEB=1.5 V
-
-
-0.1
VCE=-40 V, VEB=1.5 V,
TCASE=150°C
2N4901
-
-
-2.0
VCE=-60 V, VEB=1.5 V
-
-
-0.1
VCE=-60 V, VEB=1.5 V,
TCASE=150°C
2N4902
-
-
-2.0
VCE=-80 V, VEB=1.5 V
-
-
-0.1
ICEX
Collector Cutoff Current
VCE=-80 V, VEB=1.5 V,
TCASE=150°C
2N4903
-
-
-2.0
mA
IEBO
Emitter Cutoff Current
VBE=5.0 V, IC=0
2N4901
2N4902
2N4903
-
-
-1.0
mA
Hfe
Forward Current Transfer
Ratio (*)
VCE=-10 V, IC=-0.5 A
f =1MHz
2N4901
2N4902
2N4903
20
-
-
V
IC=-1.0 A, IB=-0.1 A
2N4901
2N4902
2N4903
-
-
-0.4
VCE(SAT)
Collector-Emitter saturation
Voltage (*)
IC=-5.0 A, IB=-1.0 A
2N4901
2N4902
2N4903
-
-
-1.5
V
VBE
Base-Emitter Voltage (*)
IC=-1.0 A, VCE=-2.0 V
2N4901
2N4902
2N4903
-
-
-1.2
V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com