Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5321 Datasheet(PDF) 1 Page - Comset Semiconductor

Part # 2N5321
Description  SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N5321 Datasheet(HTML) 1 Page - Comset Semiconductor

  2N5321 Datasheet HTML 1Page - Comset Semiconductor 2N5321 Datasheet HTML 2Page - Comset Semiconductor 2N5321 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN 2N5320 – 2N5321
COMSET SEMICONDUCTORS
1/3
The 2N5320 and 2N5321 are NPN transistors mounted in TO-39 metal case .
They are especially intended for high-voltage medium power applications in industrial and commercial
equipements.
Compliance to RoHS
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
2N5320
75
VCEO
Collector-Emitter Voltage (IB = 0)
2N5321
50
V
2N5320
100
VCBO
Collector-Base Voltage (IE = 0)
2N5321
75
V
2N5320
100
VCEV
Collector-Emitter Voltage (VBE = 1.5V)
2N5321
75
V
2N5320
6
VEBO
Emitter-Base Voltage (IC = 0)
2N5321
5
V
2N5320
IC
Collector Current
2N5321
2
A
2N5320
IB
Base Current
2N5321
1
A
2N5320
@ Tamb = 25°
2N5321
1
2N5320
PD
Total Power Dissipation
@ Tcase= 25°
2N5321
10
Watts
2N5320
TJ
Junction Temperature
2N5321
-65 to +200
°C
2N5320
TStg
Storage Temperature range
2N5321
-65 to +200
°C
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
2N5320
RthJ-a
Thermal Resistance, Junction to ambient
2N5321
175
°C/W
2N5320
RthJ-c
Thermal Resistance, Junction to case
2N5321
17.5
°C/W
S
SIIL
LIIC
CO
ON
N P
PL
LA
AN
NA
AR
R E
EP
PIIT
TA
AX
XIIA
AL
L T
TR
RA
AN
NS
SIIS
ST
TO
OR
RS
S


Similar Part No. - 2N5321

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N5321 STMICROELECTRONICS-2N5321 Datasheet
67Kb / 4P
SMALL SIGNAL NPN TRANSISTORS
Jun-1997
logo
Fairchild Semiconductor
2N5321 FAIRCHILD-2N5321 Datasheet
345Kb / 11P
10 Watt NPN-PNP Silicon Power
logo
Boca Semiconductor Corp...
2N5321 BOCA-2N5321 Datasheet
75Kb / 2P
SWITCHING TRANSISTORS (NPN SILICON)
logo
Central Semiconductor C...
2N5321 CENTRAL-2N5321 Datasheet
56Kb / 1P
Small Signal Transistors
logo
List of Unclassifed Man...
2N5321 ETC-2N5321 Datasheet
347Kb / 8P
Power Transistors
More results

Similar Description - 2N5321

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CMBT5087 CDIL-CMBT5087 Datasheet
155Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
CMMT591 CDIL-CMMT591 Datasheet
137Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Comset Semiconductor
2N1613 COMSET-2N1613 Datasheet
214Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
2N2218A COMSET-2N2218A Datasheet
209Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
BSS50A COMSET-BSS50A Datasheet
171Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Continental Device Indi...
CSAL1013PNP CDIL-CSAL1013PNP Datasheet
705Kb / 4P
SILICON PLANAR EPITAXIAL TRANSISTORS
CNL635 CDIL-CNL635 Datasheet
348Kb / 5P
SILICON PLANAR EPITAXIAL TRANSISTORS
BCY70 CDIL-BCY70 Datasheet
238Kb / 5P
SILICON PLANAR EPITAXIAL TRANSISTORS
BC817 CDIL-BC817 Datasheet
204Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
BC212L CDIL-BC212L Datasheet
82Kb / 4P
SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com