Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC161 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # BC161
Description  GENERAL PURPOSE TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BC161 Datasheet(HTML) 2 Page - Comset Semiconductor

  BC161 Datasheet HTML 1Page - Comset Semiconductor BC161 Datasheet HTML 2Page - Comset Semiconductor BC161 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PNP BC160/10 – BC160/16
PNP BC161/10 – BC161/16
COMSET SEMICONDUCTORS
2
/3
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ Mx
Unit
IE= 0 ;VCES= 40 V
BC160
IE= 0 ;VCES= 60 V
BC161
-
-
100
nA
VCES=40 V
BC160
-ICES
Collector – Cutoff Current
IE= 0 ; V
Tamb = 150°c
VCES=60 V
BC161
-
-
100
µA
BC160
40
-
-
-VCB0
Collector – Base Breakdown
Voltage
-IC = 100 µA
IE= 0
BC161
60
-
-
V
BC160
40
-
-
-VCE0 (*)
Collector – Emitter
Breakdown Voltage
-IC = 10 mA
IB= 0
BC161
60
-
-
V
BC160
-VEB0
Emitter – Base Breakdown
Voltage
-IE= 100 µA
IC= 0
BC161
5
-
-
V
-IC= 100 mA , -IB= 10 mA
-
0.1
-IC= 500 mA , -IB= 50 mA
-
0.35
-VCE(SAT)
(*)
Collector-Emitter saturation
Voltage
-IC= 1 A, -IB= 100 mA
-
0.6
1
-VBE (*)
Base-Emitter Voltage
-IC= 1 A , -VCE= 1V
1
1.7
V
-
110
-
Gr 10
-
80
-
-IC= 100 µA , -VCE= 1 V
Gr 16
-
120
-
40
140
250
Gr 10
63
100
160
-IC= 100 mA , -VCE= 1 V
Gr 16
100
160
250
-
26
-
Gr 10
-
20
-
hFE (*)
DC Current Gain
-IC= 1 A , -VCE= 1 V
Gr 16
-
30
-
-
fT
Transition Frequency
-IC= 50 mA , -VCE= 10 V
50
-
-
MHZ
CCBO
Collector – base
Capacitance
IE= 0 ; -VCB= 20V
f = 1 MHZ
-
15
30
pF
toff
Turn-off times
-IC=100 mA
-IB1=-IB2=5 mA
-
-
650
ns
ton
Turn-on times
-IC=100 Ma
-IB1=1 mA
-
-
500
ns
(*) Pulsed : pulse duration = 300µs, duty cycle = 1%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com