Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BDT82. Datasheet(PDF) 3 Page - Comset Semiconductor

Part # BDT82.
Description  SILICON POWER TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BDT82. Datasheet(HTML) 3 Page - Comset Semiconductor

  BDT82. Datasheet HTML 1Page - Comset Semiconductor BDT82. Datasheet HTML 2Page - Comset Semiconductor BDT82. Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
COMSET SEMICONDUCTORS
3/3
PNP BDT82 – BDT84 – BDT86 – BDT88
NPN BDT81 – BDT83 – BDT85 – BDT87
BDT82
BDT84
BDT86
-VBE
Base-Emitter voltage (1)
-IC=5 A , -VCE=4 V
BDT88
--
1.5
V
Symbol
Ratings
Test Condition(s)Sec
Min Typ Mx Unit
-IS/B
Second breakdown collector
current
-VCE=50 V , tP = 100 ms
2.5
-
-
A
fT
Transition frequency
-VCE=10 V , -IC=0.5 A , f=1 MHz
-20-
MHz
ton
Turn-on time
-IC=7 A , -IB1 = IB2 =0.7 A
--
1
Toff
Turn-off time
-IC=7 A , -IB1 = IB2 =0.7 A
--
2
µs
(1) Pulse Duration = 300
µs, δ <= 2%
MECHANICAL DATA CASE TO-220
DIMENSIONS
mm
inches
A
9,86
0,39
B
15,73
0,62
C
13,37
0,52
D
6,67
0,26
E
4,44
0,17
F
4,21
0,16
G
2,99
0,11
H
17,21
0,68
L
1,29
0,05
M
3,6
0,14
N
1,36
0,05
P
0,46
0,02
R
2,1
0,08
S
5
0,19
T
2,52
0,098
U
0,79
0,03
Pin 1 :
Base
Pin 2 :
Collector
Pin 3 :
Emitter
Information furnished is believed to be accurate and reliable. However, CS assumes no responsability
for the consequences of use of such information nor for errors that could appear.
Data are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com