Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

183T2 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # 183T2
Description  NPN SILICON TRANSISTORS, DIFFUSED MESA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

183T2 Datasheet(HTML) 2 Page - Comset Semiconductor

  183T2 Datasheet HTML 1Page - Comset Semiconductor 183T2 Datasheet HTML 2Page - Comset Semiconductor 183T2 Datasheet HTML 3Page - Comset Semiconductor 183T2 Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BDY26, 183 T2
BDY27, 184 T2
BDY28, 185 T2
Page 2 of 4
COMSET
SEMICONDUCTORS
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJ-C
Thermal Resistance, Junction to Case
BDY26, 183T2
BDY27, 184T2
BDY28, 185T2
2°C/W
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min Typ Mx Unit
BDY26, 183T2
180
-
-
BDY27, 184T2
200
-
-
BDY28A, 185T2A
250
-
-
BDY28B, 185T2B
250
-
-
VCEO(BR)
Collector-Emitter
Breakdown Voltage (*)
IC=50 mA, IB=0
BDY28C, 185T2C
220
-
-
V
VCE=180 V
BDY26
--
VCE=200 V
BDY27
--
ICEO
Collector-Emitter Cutoff
Current
VCE=250 V
BDY28
--
1.0
mA
IEBO
Emitter-Base Cutoff Current VEB=10 V
BDY26, 183T2
BDY27, 184T2
BDY28, 185T2
--
1.0
mA
VCE=250 V
VBE=0 V
BDY26, 183T2
--
VCE=300 V
VBE=0 V
BDY27, 184T2
--
ICES
Collector-Emitter Cutoff
Current
VCE=400 V
VBE=0 V
BDY28, 185T2
--
1.0
mA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com