Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA035XSJ Datasheet(PDF) 17 Page - AZ Displays

Part # PA035XSJ
Description  TECHNICAL SPECIFICATION
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PA035XSJ Datasheet(HTML) 17 Page - AZ Displays

Back Button PA035XSJ Datasheet HTML 13Page - AZ Displays PA035XSJ Datasheet HTML 14Page - AZ Displays PA035XSJ Datasheet HTML 15Page - AZ Displays PA035XSJ Datasheet HTML 16Page - AZ Displays PA035XSJ Datasheet HTML 17Page - AZ Displays PA035XSJ Datasheet HTML 18Page - AZ Displays PA035XSJ Datasheet HTML 19Page - AZ Displays PA035XSJ Datasheet HTML 20Page - AZ Displays PA035XSJ Datasheet HTML 21Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
PA035XSJ
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd.
PAGE:17
9. Power On Sequence
V
SS(0V)
V
GH
ON
OFF
OFF
V
DD,VCC
V
EE
T1
T2
T3
T4
Logic signal
RGB-Video signal
1) 10ms≦T1<T2
2) 0ms<T3≦T4≦10ms
10. Optical Characteristics
10-1) Specification:
Ta = 25℃
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Remarks
Horizontal
θ
45
50
-
deg
θ(6 o’clock)
30
35
-
deg
Viewing
Angle
Vertical
θ(12o’clock)
CR≧10
10
15
-
deg
Note 10-1
Contrast Ratio
CR
At optimized
Viewing angle
200
350
-
Note 10-2
Rise
Tr
-
15
30
ms
Response time
Fall
Tf
θ=0°
-
25
50
ms
Note 10-4
Uniformity
U
65
70
-
%
Note 10-5
Brightness
L
200
250
-
cd/㎡
x
θ=0°
0.290
0.320
0.350
White
Chromaticity
y
θ=0°
0.300
0.330
0.360
Note 10-3
Lamp Life Time
+25℃
-
20,000
-
Hr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com