Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD035OX4 Datasheet(PDF) 3 Page - AZ Displays

Part # PD035OX4
Description  TECHNICAL SPECIFICATION
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD035OX4 Datasheet(HTML) 3 Page - AZ Displays

  PD035OX4 Datasheet HTML 1Page - AZ Displays PD035OX4 Datasheet HTML 2Page - AZ Displays PD035OX4 Datasheet HTML 3Page - AZ Displays PD035OX4 Datasheet HTML 4Page - AZ Displays PD035OX4 Datasheet HTML 5Page - AZ Displays PD035OX4 Datasheet HTML 6Page - AZ Displays PD035OX4 Datasheet HTML 7Page - AZ Displays PD035OX4 Datasheet HTML 8Page - AZ Displays PD035OX4 Datasheet HTML 9Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
PD035OX4
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd.
PAGE:3
1. Application
This technical specification applies to 3.5” color TFT-LCD panel PD035OX4.
The TFT LCD panel applies to videophone, door phone and other electronic products which
require high quality flat panel displays.
2. Features
. Amorphous silicon TFT-LCD panel with LED Backlight unit
. Support digital 8-bits serial / 24-bits parallel RGB and CCIR601/656 input mode.
. Optimum viewing direction 6 o’clock.
. Provide source and gate drivers control timing.
. Image Reversion : Up/Down and Left/Right
. Wide View
3. Mechanical Specifications
Parameter
Specifications
Unit
Screen Size
3.5 (diagonal)
inch
Display Format
320 (RGB) x 234
dot
Display colors
262,144
Active Area
71.6 (H) 52.65 (V)
mm
Pixel Pitch
0.22375 (H) 0.225 (V)
mm
Pixel Configuration
Delta
Outline Dimension
84.03 (W) 65.24 (H) 3.43 (D)
mm
Surface Treatment
Anti – Glare+WV-film
Back-light
LED
Weight
42²5
g
Display model
Normally white
P-511-295(V:2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com