Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD057VT1 Datasheet(PDF) 7 Page - AZ Displays

Part # PD057VT1
Description  TECHNICAL SPECIFICATION
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD057VT1 Datasheet(HTML) 7 Page - AZ Displays

Back Button PD057VT1 Datasheet HTML 3Page - AZ Displays PD057VT1 Datasheet HTML 4Page - AZ Displays PD057VT1 Datasheet HTML 5Page - AZ Displays PD057VT1 Datasheet HTML 6Page - AZ Displays PD057VT1 Datasheet HTML 7Page - AZ Displays PD057VT1 Datasheet HTML 8Page - AZ Displays PD057VT1 Datasheet HTML 9Page - AZ Displays PD057VT1 Datasheet HTML 10Page - AZ Displays PD057VT1 Datasheet HTML 11Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
PD057VT1
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be
distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co.,
Ltd.
Page:7
Note 5-2
The definitions of U/D & R/L
R/L(PIN 30)= Low, U/D(PIN 31)= High
R/L(PIN 30)= High , U/D(PIN 31)= Low
5-2) LED Backlight driving
Connector type
JST BHR-03VS-1, PIN No 3 pins
Pin No
Symbol
Description
Remark
1
+
Input terminal (Anode)
Red
2
NC
No connect
-
3
-
Input terminal (Cathode)
Black
6.Absolute Maximum Ratings:
GND=0V, Ta=25
Parameters
Symbol
Condition
MAX.
Unit
Remark
Input Voltage
VI
Ta=25
-0.3~+4
V
Note6-1
+3.3V supply voltage
VCC
Ta=25
0~+3.6
V
Note6-1
CK,R0~R5,G0~G5,B0~B5,Hsync,Vsync,ENAB,R/L,U/D,V/Q
7.Electrical Characteristics
7-1) Recommended Operating Conditions:
GND=0V, Ta=25
Item
Symbol
Min.
Typ.
Max.
Unit
Remark
+3.3V Supply Voltage
VCC
+3.0
+3.3
+3.6
V
Permissive input ripple voltage
VRF
-
-
100
mVp-p VCC=3.3V
Input voltage(Low)
VIL
0
-
0.3 VCC
V
Input voltage(High)
VIH
0.7 VCC
-
VCC
V
P-511-449(V:3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com