Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJ4033 Datasheet(PDF) 3 Page - Comset Semiconductor

Part # MJ4033
Description  MEDIUM POWER COMPLEMENTARY SILICON TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

MJ4033 Datasheet(HTML) 3 Page - Comset Semiconductor

  MJ4033 Datasheet HTML 1Page - Comset Semiconductor MJ4033 Datasheet HTML 2Page - Comset Semiconductor MJ4033 Datasheet HTML 3Page - Comset Semiconductor MJ4033 Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Page 3 of 4
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min Typ Mx
Unit
MJ4030
MJ4033
60
-
-
MJ4031
MJ4034
80
-
-
VCEO
Collector-Emitter Voltage (*) IC=100 mAdc, IB=0
MJ4032
MJ4035
100
V
VCE=30 Vdc, IB=0
MJ4030
MJ4033
-
-
VCE=40 Vdc, IB=0
MJ4031
MJ4034
-
-
ICEO
Collector Cutoff Current
VCE=50 Vdc, IB=0
MJ4032
MJ4035
-
-
3.0
mA
MJ4030
MJ4033
MJ4031
MJ4034
IEBO
Emitter Cutoff Current
VBE=5.0 V, IC=0
MJ4032
MJ4035
-
-
5.0
mA
VCB=60 V, RBE=1.0 k ohm
MJ4030
MJ4033
-
-
VCB=80 V, RBE=1.0 k ohm
MJ4031
MJ4034
-
-
VCB=100 V, RBE=1.0 k ohm
MJ4032
MJ4035
1.0
VCB=60 V, RBE=1.0 k ohm,
TC=150°C
MJ4030
MJ4033
-
-
VCB=80 V, RBE=1.0 k ohm,
TC=150°C
MJ4031
MJ4034
-
-
ICER
Collector-Emitter Leakage
Current
VCB=100 V, RBE=1.0 k ohm,
TC=150°C
MJ4032
MJ4035
5.0
mAdc
MJ4030
MJ4033
MJ4031
MJ4034
VCE(SAT)
Collector-Emitter saturation
Voltage (*)
IC=10 A, IB=40 mAdc
MJ4032
MJ4035
-
-
2.5
Vdc



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com