Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE5569 Datasheet(PDF) 25 Page - Analog Devices

Part # ADE5569
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5569 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADE5569 Datasheet HTML 21Page - Analog Devices ADE5569 Datasheet HTML 22Page - Analog Devices ADE5569 Datasheet HTML 23Page - Analog Devices ADE5569 Datasheet HTML 24Page - Analog Devices ADE5569 Datasheet HTML 25Page - Analog Devices ADE5569 Datasheet HTML 26Page - Analog Devices ADE5569 Datasheet HTML 27Page - Analog Devices ADE5569 Datasheet HTML 28Page - Analog Devices ADE5569 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 156 page
background image
ADE5166/ADE5169/ADE5566/ADE5569
Rev. B | Page 25 of 156
SPECIAL FUNCTION REGISTER (SFR) MAPPING
Table 15. SFR Mapping
Mnemonic
Address
Description
INTPR
0xFF
Interrupt pins configuration SFR
(see Table 17).
SCRATCH4
0xFE
Scratch Pad 4 (see Table 25).
SCRATCH3
0xFD
Scratch Pad 3 (see Table 24).
SCRATCH2
0xFC
Scratch Pad 2 (see Table 23).
SCRATCH1
0xFB
Scratch Pad 1 (see Table 22).
BATVTH
0xFA
Battery detection threshold
(see Table 53).
STRBPER
0xF9
Peripheral ADC strobe period
(see Table 50).
IPSMF
0xF8
Power management interrupt flag
(see Table 18).
TEMPCAL
0xF7
RTC temperature compensation
(see Table 133).
RTCCOMP
0xF6
RTC nominal compensation
(see Table 132).
BATPR
0xF5
Battery switchover configuration
(see Table 19).
PERIPH
0xF4
Peripheral configuration
(see Table 20).
DIFFPROG
0xF3
Temperature and supply delta
(see Table 51).
B
0xF0
Auxiliary math (see Table 57).
VDCINADC
0xEF
VDCINADC value (see Table 54).
SBAUD2
0xEE
Enhanced Serial Baud Rate Control 2
(see Table 148).
LCDSEGE2
0xED
LCD Segment Enable 2 (see Table 101).
IPSME
0xEC
Power management interrupt enable
(see Table 21).
SBUF2
0xEB
Serial Port 2 buffer (see Table 147).
SPISTAT
0xEA
SPI interrupt status (see Table 155).
SPI2CSTAT
0xEA
I2C interrupt status (see Table 159).
SPIMOD2
0xE9
SPI Configuration SFR 2 (see Table 154).
I2CADR
0xE9
I2C slave address (see Table 158).
SPIMOD1
0xE8
SPI Configuration SFR 1 (see Table 153).
I2CMOD
0xE8
I2C mode (see Table 157).
WAV2H
0xE7
Selection 2 sample MSB (see Table 31).
WAV2M
0xE6
Selection 2 sample middle byte
(see Table 31).
WAV2L
0xE5
Selection 2 sample LSB (see Table 31).
WAV1H
0xE4
Selection 1 sample MSB (see Table 31).
WAV1M
0xE3
Selection 1 sample middle byte
(see Table 31).
WAV1L
0xE2
Selection 1 sample LSB (see Table 31).
SCON2
0xE1
Serial Communications Control 2
(see Table 146).
ACC
0xE0
Accumulator (see Table 57).
BATADC
0xDF
Battery ADC value (see Table 55).
MIRQSTH
0xDE
Interrupt Status 3 (see Table 43).
MIRQSTM
0xDD
Interrupt Status 2 (see Table 42).
MIRQSTL
0xDC
Interrupt Status 1 (see Table 41).
MIRQENH
0xDB
Interrupt Enable 3 (see Table 46).
MIRQENM
0xDA
Interrupt Enable 2 (see Table 45).
Mnemonic
Address
Description
MIRQENL
0xD9
Interrupt Enable 1 (see Table 44).
ADCGO
0xD8
Start ADC measurement (see Table 52).
TEMPADC
0xD7
Temperature ADC value (see Table 56).
IRMSH
0xD6
Irms measurement MSB (see Table 31).
IRMSM
0xD5
Irms measurement middle byte
(see Table 31).
IRMSL
0xD4
Irms measurement LSB (see Table 31).
VRMSH
0xD3
Vrms measurement MSB (see Table 31).
VRMSM
0xD2
Vrms measurement middle byte
(see Table 31).
VRMSL
0xD1
Vrms measurement LSB (see Table 31).
PSW
0xD0
Program status word (see Table 58).
TH2
0xCD
Timer 2 high byte (see Table 120).
TL2
0xCC
Timer 2 low byte (see Table 121).
RCAP2H
0xCB
Timer 2 reload/capture high byte
(see Table 122).
RCAP2L
0xCA
Timer 2 reload/capture low byte
(see Table 123).
T2CON
0xC8
Timer/Counter 2 control (see Table 115).
EADRH
0xC7
Flash high byte address (see Table 110).
EADRL
0xC6
Flash low byte address (see Table 109).
POWCON
0xC5
Power control (see Table 26).
KYREG
0xC1
Key (see Table 126).
WDCON
0xC0
Watchdog timer (see Table 88).
STCON
0xBF
Stack boundary (see Table 65).
EDATA
0xBC
Flash data (see Table 108).
PROTKY
0xBB
Flash protection key (see Table 107).
FLSHKY
0xBA
Flash key (see Table 106).
ECON
0xB9
Flash control (see Table 105).
IP
0xB8
Interrupt priority (see Table 82).
SPH
0xB7
Stack pointer high (see Table 64).
PINMAP2
0xB4
Port 2 weak pull-up enable
(see Table 164).
PINMAP1
0xB3
Port 1 weak pull-up enable
(see Table 163).
PINMAP0
0xB2
Port 0 weak pull-up enable
(see Table 162).
LCDCONY
0xB1
LCD Configuration Y (see Table 94).
CFG
0xAF
Configuration (see Table 66).
LCDDAT
0xAE
LCD data (see Table 100).
LCDPTR
0xAC
LCD pointer (see Table 99).
IEIP2
0xA9
Interrupt Enable and Priority 2
(see Table 83).
IE
0xA8
Interrupt enable (see Table 81).
DPCON
0xA7
Data pointer control (see Table 79).
RTCDAT
0xA4
RTC pointer data (see Table 131).
RTCPTR
0xA3
RTC pointer address (see Table 130).
TIMECON2
0xA2
RTC Configuration 2 (see Table 129).
TIMECON
0xA1
RTC configuration (see Table 128).
P2
0xA0
Port 2 (see Table 167).
EPCFG
0x9F
Extended port configuration
(see Table 161).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com