Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUY9253H-1M-R1 Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LUY9253H-1M-R1
Description  AXIAL TYPE LED LAMPS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LUY9253H-1M-R1 Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LUY9253H-1M-R1 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LUY9253H-1M-R1 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LUY9253H-1M-R1 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LUY9253H-1M-R1 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LUY9253H-1M-R1 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LUY9253H-1M-R1 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LUY9253H-1M-R1 Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
UNIT
mA
mA
μA
mW
IF
Parameter
Symbol
Ir
PD
IFP
50
130
10
100
UY(H)
Ratings
Absolute Maximum Ratings at Ta=25
℃
Reverse Current @5V
Peak Forward Current
Duty 1/10@10KHz
Forward Current
Power Dissipation
V
℃
℃
ESD
Topr
Tstg
-40 ~ +85
-40 ~ +100
2000
Typical Electrical & Optical Characteristics (Ta=25
℃)
Operating Temperature
Electrostatic Discharge
Storage Temperature
320
100
2.6
1.7
200
Min.
Min.
Max.
Typ.
20
590
Lens
MATERIAL
Yellow
AlGaInP/GaP
Emitted
Water Clear
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
LUY9253H-1M/R1
PART NO
Forward
voltage
@20mA(V)
COLOR
Dominant
wave
length
λDnm
Spectral
halfwidth
△λnm
Viewing
angle
2
θ 1/2
(deg)
Luminous
intensity
@
mA(mcd)
20
2/6
Page
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic
glove is recommended when handing these LED. All devices, equipment and machinery must be properly
grounded.
*
PART NO. LUY9253H-1M/R1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com