Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR360T3 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MBR360T3
Description  Surface Mount Schottky Power Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MBR360T3 Datasheet(HTML) 1 Page - Motorola, Inc

  MBR360T3 Datasheet HTML 1Page - Motorola, Inc MBR360T3 Datasheet HTML 2Page - Motorola, Inc MBR360T3 Datasheet HTML 3Page - Motorola, Inc MBR360T3 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Rectifier Device Data
Surface Mount
Schottky Power Rectifier
. . . employing the Schottky Barrier principle in a large area metal–to–silicon
power diode. State–of–the–art geometry features epitaxial construction with
oxide passivation and metal overlay contact. Ideally suited for low voltage, high
frequency rectification, or as free wheeling and polarity protection diodes, in
surface mount applications where compact size and weight are critical to the
system.
• Small Compact Surface Mountable Package with J–Bend Leads
• Rectangular Package for Automated Handling
• Highly Stable Oxide Passivated Junction
• Very Low Forward Voltage Drop (0.5 Volts Max @ 3.0 A, TJ = 25°C)
• Excellent Ability to Withstand Reverse Avalanche Energy Transients
• Guardring for Stress Protection
Mechanical Characteristics:
• Case: Epoxy, Molded
• Weight: 217 mg (approximately)
• Finish: All External Surfaces Corrosion Resistant and Terminal Leads are
Readily Solderable
• Lead and Mounting Surface Temperature for Soldering Purposes: 260°C
Max. for 10 Seconds
• Shipped in 16 mm Tape and Reel, 2500 units per reel
• Polarity: Notch in Plastic Body Indicates Cathode Lead
• Marking: B34, B36
MAXIMUM RATINGS
Rating
Symbol
MBRS340T3
MBRS360T3
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
40
60
Volts
Average Rectified Forward Current
IF(AV)
3.0 @ TL = 100°C
4.0 @ TL = 90°C
Amps
Nonrepetitive Peak Surge Current
(Surge applied at rated load conditions halfwave, single phase, 60 Hz)
IFSM
80
Amps
Operating Junction Temperature
TJ
– 65 to +125
°C
THERMAL CHARACTERISTICS
Thermal Resistance — Junction to Lead
R
θJL
11
11
°C/W
ELECTRICAL CHARACTERISTICS
Maximum Instantaneous Forward Voltage (1)
(iF = 3.0 A, TJ = 25°C)
VF
0.525
0.740
Volts
Maximum Instantaneous Reverse Current (1)
(Rated dc Voltage, TJ = 25°C)
(Rated dc Voltage, TJ = 100°C)
iR
2.0
20
0.5
20
mA
(1) Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%.
Preferred devices are Motorola recommended choices for future use and best overall value.
© Motorola, Inc. 1996
Order this document
by MBRS340T3/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MBRS340T3
MBRS360T3
SCHOTTKY BARRIER
RECTIFIERS
3.0 AMPERES
40, 60 VOLTS
CASE 403–03
Motorola Preferred Device
Rev 2


Similar Part No. - MBR360T3

ManufacturerPart #DatasheetDescription
logo
International Rectifier
MBR360TR IRF-MBR360TR Datasheet
33Kb / 5P
SCHOTTKY RECTIFIER
logo
Vishay Siliconix
MBR360TR VISHAY-MBR360TR Datasheet
84Kb / 5P
Schottky Rectifier, 3 A
06-Nov-08
MBR360TR VISHAY-MBR360TR Datasheet
120Kb / 6P
Schottky Rectifier, 3 A
13-Oct-11
MBR360TR-M3 VISHAY-MBR360TR-M3 Datasheet
120Kb / 6P
Schottky Rectifier, 3 A
13-Oct-11
More results

Similar Description - MBR360T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRA140 ONSEMI-MBRA140 Datasheet
72Kb / 4P
Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 5
MBRA210LT3 ONSEMI-MBRA210LT3 Datasheet
46Kb / 8P
Surface Mount Schottky Power Rectifier
December, 2002 - Rev. 3
MBRA340T3 ONSEMI-MBRA340T3 Datasheet
49Kb / 6P
Surface Mount Schottky Power Rectifier
July, 2004 ??Rev. 2
MBRA120LT3 ONSEMI-MBRA120LT3 Datasheet
42Kb / 4P
Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 1
MBR140SFT1 ONSEMI-MBR140SFT1 Datasheet
61Kb / 6P
Surface Mount Schottky Power Rectifier
September, 2003 ??Rev. 2
MBRS2040LT3 ONSEMI-MBRS2040LT3 Datasheet
96Kb / 6P
Surface Mount Schottky Power Rectifier
December, 2003 ??Rev. 3
MBRA210ET3 ONSEMI-MBRA210ET3_08 Datasheet
100Kb / 5P
Surface Mount Schottky Power Rectifier
August, 2008 ??Rev. 6
MBRS3100T3G ONSEMI-MBRS3100T3G Datasheet
97Kb / 4P
Surface Mount Schottky Power Rectifier
October, 2010 ??Rev. 3
SBR80520LT1G ONSEMI-SBR80520LT1G Datasheet
152Kb / 4P
Surface Mount Schottky Power Rectifier
January, 2012 ??Rev. 6
NRVBS3200T3G ONSEMI-NRVBS3200T3G Datasheet
96Kb / 4P
Surface Mount Schottky Power Rectifier
June, 2012 ??Rev. 5
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com