Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR360 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MBR360
Description  Surface Mount Schottky Power Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MBR360 Datasheet(HTML) 2 Page - Motorola, Inc

  MBR360 Datasheet HTML 1Page - Motorola, Inc MBR360 Datasheet HTML 2Page - Motorola, Inc MBR360 Datasheet HTML 3Page - Motorola, Inc MBR360 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MBRS340T3 MBRS360T3
2
Rectifier Device Data
1
0.5
0.2
0.1
0.05
3
2
1
0.1 0.2 0.3 0.4 0.5 0.6 0.7
vF, INSTANTANEOUS VOLTAGE (VOLTS)
Figure 1. Typical Forward Voltage
100
10
1
0.1
0.01
0
4
8
121620
24
2832
3640
VR, REVERSE VOLTAGE (VOLTS)
Figure 2. Typical Reverse Current
TJ = 125°C
25
°C
8
7
6
5
4
3
2
1
0
50
60
70
80
90
100
110
120
130
TC, CASE TEMPERATURE (°C)
SQUARE
WAVE
DC
TJ = 100°C
5
4
3
2
1
0
01
2
3
4
5
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
Figure 3. Power Dissipation
= 20
10
5
DC
IPK
IAV
SQUARE
WAVE
RATED VOLTAGE APPLIED
R
θJC = 10.5°C/W
TJ = 125°C
400
300
200
100
0
04
8
12
16
20
24
28
32
VR, REVERSE VOLTAGE (VOLTS)
TYPICAL CAPACITANCE AT 0 V = 480 pF
20
2
0.2
0.02
50
5
0.5
0.05
36
40
500
40
140
9
10
(CAPACITIVE LOAD)
0.7
0.07
0.3
0.8 0.9
1.1
TC = 100°C
TC = 25°C
100
°C
75
°C
1.2 1.3 1.4
0
Figure 4. Current Derating (Case)
Figure 5. Typical Capacitance
TJ = 25°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com