Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPDU5V0-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # CPDU5V0-HF
Description  SMD ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDU5V0-HF Datasheet(HTML) 1 Page - Comchip Technology

  CPDU5V0-HF Datasheet HTML 1Page - Comchip Technology CPDU5V0-HF Datasheet HTML 2Page - Comchip Technology CPDU5V0-HF Datasheet HTML 3Page - Comchip Technology CPDU5V0-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CPDU Series-HF
SMD ESD Protection Diode
(RoHS Device)
Page 1
QW-G7004
REV:B
0.071(1.80)
0.063(1.60)
0.014(0.35) Typ.
0.039(1.00)
0.031(0.80)
0.033(0.85)
0.027(0.70)
Dimensions in inches and (millimeter)
0603(1608)
0.012 (0.30) Typ.
0.028(0.70) Typ.
SMD Diodes Specialist
Comchip Technology CO., LTD.
Features
Halogen free.
Bi-diretional ESD protection.
(16kV) IEC 61000-4-2 rating.
Surface mount package.
High component density.
Mechanical data
Case: 0603(1608) standard package,
molded plastic.
Terminals: Gold plated, solderable per
MIL-STD-750,method 2026.
Marking Code:
CPDU5V0-HF: E05
CPDU12V-HF: E12
CPDU24V-HF: E24
Mounting position: Any.
Weight: 0.003 gram(approx.).
O
Electrical Characteristics (at TA=25 C unless otherwise noted)
Symbol
Typ
Parameter
Min
Max Unit
Junction capacitance
Clamping voltage
Conditions
Diode breakdown voltage
VBD
V
CPDU5V0-HF
CPDU12V-HF
CPDU24V-HF
IR = 1mA
Leakage current
ESD capability
IL
uA
CPDU5V0-HF
CPDU12V-HF
CPDU24V-HF
20
- - -
CT
pF
CPDU5V0-HF
CPDU12V-HF
CPDU24V-HF
VR =0V,f =1MHz
kV
25
47
CPDU5V0-HF
CPDU12V-HF
CPDU24V-HF
13
5.1
25
0.1
17
7.0
28
15
12
10
2.0
- - -
16
Peak pulse power
PPP
W
75
VR = 5V
VR = 24V
VR = 12V
CPDU Series-HF
Storage temperature
Operation temperature
125
OC
TSTG
Tj
OC
150
CPDU Series-HF
CPDU Series-HF
-55
VC
V
IPP = 5A,TP=8/20us
15
IPP = 1A,TP=8/20us
IPP = 1A,TP=8/20us
25
47
CPDU5V0-HF
CPDU12V-HF
CPDU24V-HF
TP=8/20us
ESD
IEC 61000-4-2(air)
IEC 61000-4-2(contact)
8


Similar Part No. - CPDU5V0-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDU5V0 COMCHIP-CPDU5V0 Datasheet
54Kb / 1P
SMD ESD Protection Diode
CPDU5V0C-HF COMCHIP-CPDU5V0C-HF Datasheet
90Kb / 4P
SMD ESD Protection Diode
CPDU5V0H-HF COMCHIP-CPDU5V0H-HF Datasheet
106Kb / 4P
SMD ESD Protection Diode
CPDU5V0HE-HF COMCHIP-CPDU5V0HE-HF Datasheet
475Kb / 4P
SMD ESD Protection Diode
REV:B
CPDU5V0U COMCHIP-CPDU5V0U Datasheet
105Kb / 4P
SMD ESD Protection Diode
More results

Similar Description - CPDU5V0-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDERT5V0U-HF COMCHIP-CPDERT5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDF24V0U-HF COMCHIP-CPDF24V0U-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDFR COMCHIP-CPDFR Datasheet
92Kb / 4P
SMD ESD Protection Diode
CPDT-5V0U-HF COMCHIP-CPDT-5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR035V0U-HF COMCHIP-CPDTR035V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR055V0C-HF COMCHIP-CPDTR055V0C-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDV5-5V0U COMCHIP-CPDV5-5V0U_12 Datasheet
96Kb / 4P
SMD ESD Protection Diode
CPDQT3V3U-HF COMCHIP-CPDQT3V3U-HF Datasheet
559Kb / 3P
SMD ESD Protection Diode
CPDUR5V0C-HF COMCHIP-CPDUR5V0C-HF Datasheet
238Kb / 4P
SMD ESD Protection Diode
CPDVR083V3U COMCHIP-CPDVR083V3U Datasheet
109Kb / 5P
SMD ESD Protection Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com