Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT30DF20HJ Datasheet(PDF) 2 Page - Microsemi Corporation

Part # APT30DF20HJ
Description  ISOTOP Fast Diode Full Bridge Power Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT30DF20HJ Datasheet(HTML) 2 Page - Microsemi Corporation

  APT30DF20HJ Datasheet HTML 1Page - Microsemi Corporation APT30DF20HJ Datasheet HTML 2Page - Microsemi Corporation APT30DF20HJ Datasheet HTML 3Page - Microsemi Corporation APT30DF20HJ Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
APT30DF20HJ
www.microsemi.com
2- 4
All ratings @ Tj = 25°C unless otherwise specified
Electrical Characteristics
Symbol
Characteristic
Test Conditions
Min
Typ
Max
Unit
IF = 30A
1.1
1.3
IF = 60A
1.4
VF
Diode Forward Voltage
IF = 30A
Tj = 125°C
0.9
V
Tj = 25°C
250
IRM
Maximum Reverse Leakage Current
VR = 200V
Tj = 125°C
500
µA
CT
Junction Capacitance
VR = 200V
95
pF
Dynamic Characteristics
Symbol
Characteristic
Test Conditions
Min
Typ
Max
Unit
Tj = 25°C
24
trr
Reverse Recovery Time
Tj = 125°C
48
ns
Tj = 25°C
33
Qrr
Reverse Recovery Charge
Tj = 125°C
150
nC
Tj = 25°C
3
IRRM
Reverse Recovery Current
IF = 30A
VR = 133V
di/dt = 200A/µs
Tj = 125°C
6
A
trr
Reverse Recovery Time
31
ns
Qrr
Reverse Recovery Charge
355
nC
IRRM
Reverse Recovery Current
IF = 30A
VR = 133V
di/dt=1000A/µs
Tj = 125°C
19
A
Thermal and package characteristics
Symbol
Characteristic
Min
Typ
Max
Unit
RthJC
Junction to Case Thermal resistance
1.2
RthJA
Junction to Ambient
20
°C/W
VISOL
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
2500
V
TJ,TSTG
Storage Temperature Range
-55
150
TL
Max Lead Temp for Soldering:0.063” from case for 10 sec
300
°C
Torque
Mounting torque (Mounting = 8-32 or 4mm Machine and terminals = 4mm Machine)
1.5
N.m
Wt
Package Weight
29.2
g



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com