Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT30DF60HJ Datasheet(PDF) 1 Page - Microsemi Corporation

Part # APT30DF60HJ
Description  ISOTOP Fast Diode Full Bridge Power Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT30DF60HJ Datasheet(HTML) 1 Page - Microsemi Corporation

  APT30DF60HJ Datasheet HTML 1Page - Microsemi Corporation APT30DF60HJ Datasheet HTML 2Page - Microsemi Corporation APT30DF60HJ Datasheet HTML 3Page - Microsemi Corporation APT30DF60HJ Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
APT30DF60HJ
www.microsemi.com
1- 4
Absolute maximum ratings
Symbol
Parameter
Max ratings
Unit
VR
Maximum DC reverse Voltage
VRRM
Maximum Peak Repetitive Reverse Voltage
600
V
TC = 25°C
60
IF(AV)
Maximum Average Forward
Current
Duty cycle = 50%
TC = 80°C
30
IFSM
Non-Repetitive Forward Surge Current
8.3ms
TJ = 45°C
320
A
These Devices are sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed. See application note
APT0502 on www.microsemi.com
VRRM = 600V
IF = 30A @ Tc = 80°C
Application
•
Switch mode power supplies rectifier
•
Induction heating
•
Welding equipment
•
High speed rectifiers
Features
•
Ultra fast recovery times
•
Soft recovery characteristics
•
High blocking voltage
•
High current
•
Low leakage current
•
Very low stray inductance
•
High level of integration
•
ISOTOP
® Package (SOT-227)
Benefits
•
Outstanding performance at high frequency operation
•
Low losses
•
Low noise switching
•
Direct mounting to heatsink (isolated package)
•
Low junction to case thermal resistance
•
RoHS Compliant
ISOTOP
®Fast Diode
Full Bridge Power Module
~
~
-
+


Similar Part No. - APT30DF60HJ

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT30DF100HJ MICROSEMI-APT30DF100HJ Datasheet
76Kb / 4P
ISOTOP Fast Diode Full Bridge Power Module
APT30DF120HJ MICROSEMI-APT30DF120HJ Datasheet
77Kb / 4P
ISOTOP Fast Diode Full Bridge Power Module
APT30DF20HJ MICROSEMI-APT30DF20HJ Datasheet
78Kb / 4P
ISOTOP Fast Diode Full Bridge Power Module
More results

Similar Description - APT30DF60HJ

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT30DF20HJ MICROSEMI-APT30DF20HJ Datasheet
78Kb / 4P
ISOTOP Fast Diode Full Bridge Power Module
APT35DL120HJ MICROSEMI-APT35DL120HJ Datasheet
75Kb / 3P
ISOTOP Fast Diode Full Bridge Power Module
APT50DF170HJ MICROSEMI-APT50DF170HJ Datasheet
75Kb / 3P
ISOTOP Fast Diode Full Bridge Power Module
APT50DL120HJ MICROSEMI-APT50DL120HJ Datasheet
74Kb / 3P
ISOTOP Fast Diode Full Bridge Power Module
APT60DF20HJ MICROSEMI-APT60DF20HJ Datasheet
79Kb / 4P
ISOTOP Fast Diode Full Bridge Power Module
APT60DF60HJ MICROSEMI-APT60DF60HJ Datasheet
79Kb / 4P
ISOTOP Fast Diode Full Bridge Power Module
APT60DF100HJ MICROSEMI-APT60DF100HJ Datasheet
76Kb / 4P
ISOTOP Fast Diode Full Bridge Power Module
APT75DF170HJ MICROSEMI-APT75DF170HJ Datasheet
75Kb / 3P
ISOTOP Fast Diode Full Bridge Power Module
APT75DL60HJ MICROSEMI-APT75DL60HJ Datasheet
72Kb / 3P
ISOTOP Fast Diode Full Bridge Power Module
APT75DL120HJ MICROSEMI-APT75DL120HJ Datasheet
74Kb / 3P
ISOTOP Fast Diode Full Bridge Power Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com