Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDF137T Datasheet(PDF) 3 Page - Shoulder Electronics Limited.

Part # HDF137T
Description  SAW FILTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF137T Datasheet(HTML) 3 Page - Shoulder Electronics Limited.

  HDF137T Datasheet HTML 1Page - Shoulder Electronics Limited. HDF137T Datasheet HTML 2Page - Shoulder Electronics Limited. HDF137T Datasheet HTML 3Page - Shoulder Electronics Limited. HDF137T Datasheet HTML 4Page - Shoulder Electronics Limited. HDF137T Datasheet HTML 5Page - Shoulder Electronics Limited. HDF137T Datasheet HTML 6Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SAW FILTER
HDF137T
F11
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 3 of 6
1. SCOPE
This specification shall cover the characteristics of SAW filter F137T.
2. ELECTRICAL SPECIFICATION
DC Voltage VDC
10V
AC Voltage Vpp
10V50Hz/60Hz
Operation temperature
-40℃ to +85℃
Storage temperature
-45℃ to +85℃
RF Power Dissipation
0dBm
2.2Electronic Characteristics
Item
Typ.value
Tolerance/Limit
Insertion Loss(reference level)
Ae=amin
13.0
dB
15.0
dB
Reference frequency
Fc(30dB-BW)
137.5 MHz
±150 kHz
Pass band shape(3 dB-BW)
±576KHz
Gaussian
Relative attenuation
Arel
Fc±2.0MHz
≤-30dB
Fc±4.0MHz
≤-45dB
Fc±5.8MHz
≥-50dB
Group delay
fc±576kHz
GD
±100 ns max
Temperature coefficient
Tc 1st order
+1.7
ppm/K
Tc 2st order
-0.06
ppm/K
Drive /Load impedance
50Ω



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com