Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDBK65830 Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LDBK65830
Description  RECTANGLE TYPE LED LAMPS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LDBK65830 Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LDBK65830 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LDBK65830 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LDBK65830 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LDBK65830 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LDBK65830 Datasheet HTML 5Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Typical Electrical & Optical Characteristics (Ta=25
℃)
Absolute Maximum Ratings at Ta=25
℃
MATERIAL
PART NO
InGaN/GaN
LDBK65830
Blue Diffused
Blue
Emitted
Lens
COLOR
Soldering Temperature
Tsol
Storage Temperature
Operating Temperature
Tstg
Topr
PD
Power Dissipation
Reverse Current @5V
Electrostatic Discharge
ESD
Ir
Peak Forward Current
Duty 1/10@10KHz
Forward Current
IFP
IF
Parameter
Symbol
Spectral
halfwidth
△λnm
Forward
voltage
@20mA(V)
Viewing
angle
2
θ 1/2
(deg)
Luminous
intensity
@20mA(mcd)
Dominant
wave
length
λDnm
470
3.5
30
Typ.
120
65
4.0
132
Typ.
Max. Min.
Max 260
℃ for 5 sec Max
(2mm from body)
-30 ~ +100
-20 ~ +80
℃
℃
Page 2/4
mW
120
150
50
V
μA
100
30
mA
mA
DBK
Ratings
UNIT
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
PART NO. LDBK65830



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com