Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDGL3333 Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LDGL3333
Description  ROUND TYPE LED LAMPS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LDGL3333 Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LDGL3333 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LDGL3333 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LDGL3333 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LDGL3333 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LDGL3333 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LDGL3333 Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Luminous
intensity
@
mA(mcd)
Viewing
angle
2
θ 1/2
(deg)
Spectral
halfwidth
△λnm
wave
length
λ nm
COLOR
Forward
voltage
@20mA(V)
PART NO
LDGL3333
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Water Clear
Emitted
InGaN/GaN Green
MATERIAL
Lens
505
32
D
Typ.
Max. Min.
Typ.
6200
3.5
4.0
13
11500
20
Storage Temperature
Electrostatic Discharge( * )
Operating Temperature
Typical Electrical & Optical Characteristics (Ta=25
℃)
Dominant
150
-30 ~ +100
-20 ~ +80
Tstg
Topr
ESD
℃
℃
V
PART NO.
Power Dissipation
Forward Current
Peak Forward Current
Duty 1/10@10KHz
Reverse Current @5V
Absolute Maximum Ratings at Ta=25
℃
Ratings
DGL
100
50
120
30
IFP
PD
Ir
Symbol
Parameter
IF
mW
μA
mA
mA
UNIT
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
LDGL3333
2/5
Page
*Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic
glove is recommended when handing these LED. All devices, equipment and machinery must be properly
grounded.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com