Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCF05-V3-R501R0M Datasheet(PDF) 1 Page - American Accurate Components, Inc.

Part # TCF05-V3-R501R0M
Description  THIN FILM CHIP FUSE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

TCF05-V3-R501R0M Datasheet(HTML) 1 Page - American Accurate Components, Inc.

  TCF05-V3-R501R0M Datasheet HTML 1Page - American Accurate Components, Inc. TCF05-V3-R501R0M Datasheet HTML 2Page - American Accurate Components, Inc. TCF05-V3-R501R0M Datasheet HTML 3Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
American Accurate Components, Inc.
THIN FILM CHIP FUSE
The content of this specification may change without notification 10/25/07
188 Technology Drive, Unit H, Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889
1
Custom solutions are available.
TCF
Q
05
-V2- 1R0 M
Packaging
M = tape/reel
Rated Current
R50 = 0.5A
1R0 = 1A
Rated Voltage
VA = 125V
V6 = 63V
V5 = 50V
V3 = 32V
V2 = 24V
Size
05 = 0402
16 = 0603
18 = 1206
Fuse Time
Blank = 1 min at 200%
Q = 5 sec at 250%
Series
Thin Film Chip Fuse
DIMENSIONS (mm)
SCHEMATIC
CONSTRUCTION
TCF05
TCF16
TCF18
Series
TCFQ05
TCFQ16
TCFQ18
Size
0402
0603
1206
L
1.0 ± 0.1
1.6 ± 0.1
3.1 ± 0.1
W
0.52 ± 0.05
0.80 ± 0.10
1.55 ± 0.10
C
0.2 ± 0.1
0.3 ± 0.2
0.5 ± 0.3
d
0.25 ± 0.1
0.35 ± 0.2
0.40 ± 0.2
t
0.35 ± 0.05
0.45 ± 0.1
0.60 ± 0.1
PERFORMANCE
Item
Requirement
Test Condition
Carrying Capacity
No Fusing
Rated Current, 4 hours
Interrupting Ability
No mechanical damage
After the fuse is interrupted, rated voltage is applied for 30 sec. again
Bending Test
No mechanical damage
Distance between holding points: 90mm, bending: 3 mm for 1 time
Resistance to Solder Heat
±20%
260
°C ± 5°C, 10 ± 1 seconds
Solderability
95% coverage minimum
235
°C ± 5°C, 2 ± 0.5 seconds
Temperature Rise
< 75
°C
100% of its rated current, measure of surface temperature
Resistance to Dry Heat
±20%
105
°C ± 5°C for 1000 hours
Resistance to Solvent
No evident damages on
protective coating and marking
23
°C ± 5°C of isopropyl alcohol for 90 seconds
Residual Heat
> 10K
Measure DC resistance after fusing
Thermal Shock
∆R < 10%
-20
°C/+25°C/+125°C/+25°C for 10 cycles
HOW TO ORDER
FEATURES
Thin Film Chip Fuse
Small and lightweight design
Thin Film manufacturing method with stabilizing fusing
characteristics
Low internal resistance
Suitable for over current protection
RECOGNIZED STANDARD
UL248-14, File E241710
ISO/TS 16949:2002 Certified
APPLICATIONS
PC related equipment and peripherals: PC, Hard Drive, CD-
R/RW, Printer, etc.
Small portable devices: Mobile Phones, PDA , Battery, Charges
Digital Camera
Game Equipment
LCD monitors, LCD modules, (backlight inverter)


Similar Part No. - TCF05-V3-R501R0M

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TCF TAITRON-TCF Datasheet
275Kb / 6P
SMD Long Life Electrolytic Caps
logo
Eaton All Rights Reserv...
TCF EATON-TCF Datasheet
1Mb / 6P
UL Class CF branch circuit time-delay CUBEFuse
logo
Exxelia Group
TCF EXXELIA-TCF Datasheet
793Kb / 18P
High Voltage Conformal Coated Leaded Capacitors
revised 02/21
logo
Moxa Inc.
TCF-142 MOXA-TCF-142 Datasheet
1Mb / 5P
RS-232/422/485 to fiber converters
TCF-142-M-SC MOXA-TCF-142-M-SC Datasheet
1Mb / 5P
RS-232/422/485 to fiber converters
More results

Similar Description - TCF05-V3-R501R0M

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
TF10BN KOA-TF10BN Datasheet
125Kb / 2P
thin film chip fuse
logo
AVX Corporation
F1206A0R20FSTR AVX-F1206A0R20FSTR_11 Datasheet
195Kb / 12P
SMD Thin-Film Fuse
logo
KOA Speer Electronics, ...
TF16SN125TTE KOA-TF16SN125TTE Datasheet
270Kb / 2P
thin film chip fuse
logo
AVX Corporation
F1206A AVX-F1206A Datasheet
195Kb / 12P
SMD Thin-Film Fuse
logo
List of Unclassifed Man...
CF04V3TR315 ETC-CF04V3TR315 Datasheet
1Mb / 20P
Thin Film Chip Fuse
CFS04V3TR50 ETC-CFS04V3TR50 Datasheet
1Mb / 20P
Thin Film Chip Fuse
CH06V5TR50 ETC-CH06V5TR50 Datasheet
683Kb / 13P
Thin Film Chip Fuse
CP04V3TR50 ETC-CP04V3TR50 Datasheet
1Mb / 17P
Thin Film Chip Fuse
CPS06V5TR50 ETC-CPS06V5TR50 Datasheet
1Mb / 19P
Thin Film Chip Fuse
logo
Vishay Siliconix
MFUAT VISHAY-MFUAT Datasheet
120Kb / 8P
Thin Film Chip Fuse
30-Apr-2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com