Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCF16-V3-R501R0M Datasheet(PDF) 2 Page - American Accurate Components, Inc.

Part # TCF16-V3-R501R0M
Description  THIN FILM CHIP FUSE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

TCF16-V3-R501R0M Datasheet(HTML) 2 Page - American Accurate Components, Inc.

  TCF16-V3-R501R0M Datasheet HTML 1Page - American Accurate Components, Inc. TCF16-V3-R501R0M Datasheet HTML 2Page - American Accurate Components, Inc. TCF16-V3-R501R0M Datasheet HTML 3Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
American Accurate Components, Inc.
THIN FILM CHIP FUSE
The content of this specification may change without notification 10/25/07
188 Technology Drive, Unit H, Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889
2
1206 - ELECTRICAL CHARACTERISTICS
TCF
Series
TCFQ
Series
Part Number
Marking
Rated
Current
Resistance
(mΩ) Typical*
Rated
Voltage
Breaking
Capacity
Resistance
(mΩ) Typical*
Rated
Voltage
Breaking
Capacity
TCF 18-V6-R500M
F
0.50A
590
385
TCF 18-V6-R800M
K
0.80A
225
165
TCF 18-V6-1R00M
L
1.00A
130
108
TCF 18-V6-1R25M
M
1.25A
88
76
TCF 18-V6-1R50M
P
1.50A
65
51
TCF 18-V6-2R00M
S
2.00A
38
DC 63V
DC 63V
50A
32
DC 63V
DC 63V
50A
TCF 18-V3-2R50M
T
2.50A
32
26
TCF 18-V3-3R00M
3
3.00A
23
DC 32V
DC 32V
50A
20
DC 32V
DC 32V
50A
TCF 18-V2-4R00M
W
4.00A
15
14
TCF 18-V2-5R00M
Y
5.00A
11
10
TCF 18-V2-7R00M
Z
7.00A
7
DC 24V
DC 24V
50A
6.5
DC 24V
DC 24V
50A
0603 - ELECTRICAL CHARACTERISTICS
TCF
Series
TCFQ
Series
Part Number
Resistance
(mΩ) Typ*
Rated
Voltage
Breaking
Capacity
Part Number
Resistance
(mΩ) Typical*
Rated
Voltage
Breaking
Capacity
Marking
Rated
Current
TCF16-V5-R500M
250
DC 50V
DC 50V 50A
TCFQ16-V5-R500M
175
DC 50V
DC 50V 50A
F
0.50A
TCF16-V3-R630M
173
TCFQ16-V3-R630M
130
I
0.63A
TCF16-V3-R800M
115
TCFQ16-V3-R800M
93
K
0.80A
TCF16-V3-1R00M
88
TCFQ16-V3-1R00M
65
L
1.00A
TCF16-V3-1R25M
63
TCFQ16-V3-1R25M
47
M
1.25A
TCF16-V3-1R50M
45
TCFQ16-V3-1R50M
36
P
1.50A
TCF16-V3-1R60M
42
TCFQ16-V3-1R60M
34
N
1.60A
TCF16-V3-2R00M
33
DC 32V
DC 32V
50A
TCFQ16-V3-2R00M
26
S
2.00A
TCF16-V2-2R50M
24
TCFQ16-V3-2R50M
20
T
2.50A
TCF16-V2-3R00M
21
TCFQ16-V3-3R00M
16
3
3.00A
TCF16-V2-3R15M
19
DC 24V
DC 24V
50A
TCFQ16-V3-3R15M
15
U
3.15A
TCF16-V3-4R00M
15
TCFQ16-V3-4R00M
12
W
4.00A
TCF16-V3-5R00M
12
DC 32V
DC 32V
50A
TCFQ16-V3-5R00M
9
DC 32V
DC 32V
50A
Y
5.00A
0402 - ELECTRICAL CHARACTERISTICS
TCF
Series
TCFQ
Series
Part Number
Marking
Rated
Current
Resistance
(mΩ) Typical*
Rated
Voltage
Breaking
Capacity
Resistance
(mΩ) Typical*
Rated
Voltage
Breaking
Capacity
TCF 05-V2-R500M
F
0.50A
320
235
TCF 05-V2-R800M
K
0.80A
120
86
TCF 05-V2-1R00M
L
1.00A
90
64
TCF 05-V2-1R25M
M
1.25A
67
45
TCF 05-V2-1R50M
P
1.50A
51
35
TCF 05-V2-1R60M
N
1.60A
46
32
TCF 05-V2-2R00M
S
2.00A
33
24
TCF 05-V2-2R50M
T
2.50A
25
19
TCF 05-V2-3R00M
3
3.00A
20
15
TCF 05-V2-3R15M
U
3.15A
19
14
TCF 05-V2-4R00M
W
4.00A
16
DC 24V
DC 24V
35A
10.5
DC 24V
DC 24V
35A
SHARED ELECTRICAL CHARACTERISTICS
Characteristic
TCF
Series
TCFQ
Series
Fusing Time
opens within 1min. at 200% rated current
opens within 5 sec. at 250% rated current
Body Temperature Rising
<75
°C at 100% rated current
<75
°C at 100% rated current
*Typical Resistance Value
measured with less than 10% of rated current
measured with less than 10% of rated current



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com