Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33937 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 33937
Description  Three Phase Field Effect Transistor Pre-driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33937 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 33937 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
13
33937
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
SUPERVISORY AND CONTROL CIRCUITS
Logic Inputs (Px_LS, Px_HS, EN1, EN2) (31)
High Level Input Voltage Threshold
Low Level Input Voltage Threshold
VIH
VIL
–
0.9
–
–
2.1
–
V
Logic Inputs (SI, SCLK, CS) (30), (31)
High Level Input Voltage Threshold
Low Level Input Voltage Threshold
VIH
VIL
–
0.9
–
–
2.1
–
V
Input Logic Threshold Hysteresis (30)
Inputs Px_LS, SI, SCLK, CS, Px_HS, EN1, EN2
VIHYS
100
250
450
mV
Input Pull-down Current, (Px_LS, SI, SCLK, EN1, EN2)
0.3 VDD ≤ VIN ≤ VDD
IINPD
8.0
–
18
µA
Input Pull-up Current, (CS, Px_HS) (32)
0
≤ VIN ≤ 0.7 VDD
IINPU
10
–
25
µA
Input Capacitance (30)
0.0 V
≤ VIN ≤ 5.5 V
CIN
–
15
–
pF
RST Threshold (33)
VTH_RST
1.0
–
2.1
V
RST Pull-down Resistance
0.3 VDD ≤ VIN ≤ VDD
RRST
40
60
85
k
Ω
Power-ON RST Threshold, (VDD Falling)
VTHRST
3.4
4.0
4.5
V
SO High Level Output Voltage
IOH = 1.0 mA
VSOH
0.9 VDD
–
–
V
SO Low Level Output Voltage
IOL = 1.0 mA
VSOL
–
–
0.1 VDD
V
SO Tri-state Leakage Current
CS = 0.7 VDD, 0.3 VDD = VSO = 0.7 VDD
ISO_LEAK_T
-1.0
–
1.0
µA
SO Tri-state Capacitance (30), (34)
0.0 V
≤ VIN ≤ 5.5 V
CSO_T
–
15
–
pF
INT High Level Output Voltage
IOH = -500 µA
VOH
0.85 VDD
–
VDD
V
INT Low Level Output Voltage
IOL = 500 µA
VOL
–
–
0.5
V
THERMAL WARNING
Thermal Warning Temperature (30), (35)
TWARN
150
170
185
°C
Thermal Hysteresis (30)
THYST
8.0
10
12
°C
Notes
30.
This parameter is guaranteed by design, not production tested.
31.
Logic threshold voltages derived relative to a 3.3 V 10% system.
32.
Pull-up circuits will not allow back biasing of VDD.
33.
There are two elements in the RST circuit: 1) one generally lower threshold enables the internal regulator; 2) the second removes the
reset from the internal logic.
34.
This parameter applies to the OFF state (tri-stated) condition of SO is guaranteed by design but is not production tested.
35.
The Thermal Warning circuit does not force IC shutdown above this temperature. It is possible to set a bit in the MASK register to
generate an interrupt when overtemperature is detected, and the status bit will always indicate if any of the three individual Thermal
Warning circuits in the IC sense a fault.
Table 4. Static Electrical Characteristics (continued)
Characteristics noted under conditions 8.0 V
≤ VPWR = VSUP ≤ 40 V, -40°C ≤ TA ≤ 135°C, unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com