Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

73S8014RT-IL/F Datasheet(PDF) 27 Page - Teridian Semiconductor Corporation

Part # 73S8014RT-IL/F
Description  Smart Card Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

73S8014RT-IL/F Datasheet(HTML) 27 Page - Teridian Semiconductor Corporation

Back Button 73S8014RT-IL/F Datasheet HTML 21Page - Teridian Semiconductor Corporation 73S8014RT-IL/F Datasheet HTML 22Page - Teridian Semiconductor Corporation 73S8014RT-IL/F Datasheet HTML 23Page - Teridian Semiconductor Corporation 73S8014RT-IL/F Datasheet HTML 24Page - Teridian Semiconductor Corporation 73S8014RT-IL/F Datasheet HTML 25Page - Teridian Semiconductor Corporation 73S8014RT-IL/F Datasheet HTML 26Page - Teridian Semiconductor Corporation 73S8014RT-IL/F Datasheet HTML 27Page - Teridian Semiconductor Corporation 73S8014RT-IL/F Datasheet HTML 28Page - Teridian Semiconductor Corporation 73S8014RT-IL/F Datasheet HTML 29Page - Teridian Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
DS_8014RT_015
73S8014RT Data Sheet
Rev. 1.0
27
5
Mechanical Drawing
0.5050(12.82)
+ .005(.127)
- .009(.228)
BASE PLANE
SEATING PLANE
0.5050(12.82)
0.016(.406)
0.050(1.27)
TYP
+ .004(.101)
- .003(.076)
+ .005(.127)
- .009(.228)
0.01(.254)
+ .0025(.0634)
- .0010(.0254)
Detail A
.033
(.838)
Detail “A”
0
°- 8°
± .017(.431)
Figure 19: Mechanical Drawing 20-Pin SO Package
Inches (mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com