Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78P2344JAT Datasheet(PDF) 13 Page - Teridian Semiconductor Corporation

Part # 78P2344JAT
Description  4-port E3/DS3/STS-1 LIU with Jitter Attenuator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

78P2344JAT Datasheet(HTML) 13 Page - Teridian Semiconductor Corporation

Back Button 78P2344JAT Datasheet HTML 9Page - Teridian Semiconductor Corporation 78P2344JAT Datasheet HTML 10Page - Teridian Semiconductor Corporation 78P2344JAT Datasheet HTML 11Page - Teridian Semiconductor Corporation 78P2344JAT Datasheet HTML 12Page - Teridian Semiconductor Corporation 78P2344JAT Datasheet HTML 13Page - Teridian Semiconductor Corporation 78P2344JAT Datasheet HTML 14Page - Teridian Semiconductor Corporation 78P2344JAT Datasheet HTML 15Page - Teridian Semiconductor Corporation 78P2344JAT Datasheet HTML 16Page - Teridian Semiconductor Corporation 78P2344JAT Datasheet HTML 17Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
78P2344JAT
4-port E3/DS3/STS-1 LIU
with Jitter Attenuator
Page 13 of 37
2005 Teridian Semiconductor Corporation
Rev 2.2
PIN DESCRIPTION
LEGEND
TYPE
DESCRIPTION
TYPE
DESCRIPTION
A
Analog Pin
CIT
CMOS 3-State Input
CI
CMOS Digital Input
CO
CMOS Digital Output
CIU
CMOS Digital Input w/ Pull-up
COZ
CMOS Tristate Digital Output
CID
CMOS Digital Input w/ Pull-down
S
Supply
CIS
CMOS Schmitt Trigger Input
G
Ground
TRANSMITTER PINS
NAME
PIN
TYPE
DESCRIPTION
TPOSx
23, 31
39, 47
CI
Transmit Positive Data/Transmit NRZ:
When ENDECB =’1’, a logic one on this pin generates a positive AMI
pulse on the coax. This pin should not be high at the same time that
corresponding TNEGx is high.
When ENDECB =’0’, data on this pin is encoded and converted into
positive and negative AMI pulses.
TNEGx
24, 32
40, 48
CI
Transmit Negative Data:
When ENDECB =’1’, a logic one on this pin generates a negative AMI
pulse on the coax. This pin should not be high at the same time that
corresponding TPOSx is high.
When ENDECB =’0’, this pin is ignored.
TCLKx
25, 33
41, 49
CIS
Transmitter Clock Input:
This signal is used to latch the respective TPOSx and TNEGx signals
into the 78P2344JAT.
LOUTPx
LOUTNx
98, 92
85, 79
99, 93
86, 80
A
Line Out:
Differential AMI Outputs. Requires a 1:2CT center-tapped
transformer and a shunt termination resistor. See APPLICATION
INFORMATION section for more info.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com