| Electronic Components Datasheet Search |
|
NAS7821 Datasheet(PDF) 3 Page - PLX Technology |
|
|
|||||||||||||||||||||||||||||
NAS7821 Datasheet(HTML) 3 Page - PLX Technology |
|
3 / 3 page ![]() NAS 7820/1, Next Generation Media Networked Storage Solution © PLX Technology, www.plxtech.com Page 3 of 3 1/4/2010, Version 1.0 Full Feature-Set The PLX NAS 7820/1 has rich feature-set. Here is a features summary: Highly integrated consumer NAS SoC for the lowest BOM cost Unique Trident architecture including dual- core ARM 11 MP each core running at 750 MHz, application specific hardware engines for networking, storage, and security, and highly structured firmware Hardware security engine with AES-128/256 bit based encryption with hashing function support for fast and secure connection and enhanced security 8 channel DMA controller 64-bit wide internal bus 1* or 2 integrated SATA3G/s ports with hardware RAID 0 and RAID 1 engine SPI serial NOR flash and SLC and MLC NAND support Flexible boot modes: Direct from HDD (no flash needed) for low BOM cost NOR/HDD or NAND Integrated fan controller and PWM Full set of interfaces including RGMII, 2xUSB2.0 H/D, UART, JTAG, and 1xPCIe In order to provide the best class of applications, PLX has partnered with the key leading application vendors. These applications are fully tested and integrated so each one could be independently offered based on the marketing and product requirements of each customer. Complete Rapid Development Kits (RDK) PLX NAS solution delivers the complete development package: Hardware Development board for product demo and rapid product development Reference design schematics for reduced time- to-market Software Development Kit (SDK) Advanced software development tools including source package and script for Linux kernel, bootloader, root file system, and web pages Compliers, drivers, and complete documentation Full source code to facilitate product differentiate and customization by enabling vendors to modified supplied modules or create new functional modules Complete turn-key solution for fast time-to- market Rich third party application environment for media serving (uPnP and DLNA compatible), content management, back-up, remote management, and many more Additional PLX Advantages Superior storage expertise Custom support team for each customer for fast time to-market Turn-key SDK with full feature set Schematic and Layout Design Reviews Website: Tools: www.plxtech.com/nas7820 www.plxtech.com/nas7821 24/7 Technical Support: www.plxtech.com/support |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |