Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OXCFB950B Datasheet(PDF) 2 Page - PLX Technology

Part # OXCFB950B
Description  32-bit PC card bridge to serial port
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

OXCFB950B Datasheet(HTML) 2 Page - PLX Technology

  OXCFB950B Datasheet HTML 1Page - PLX Technology OXCFB950B Datasheet HTML 2Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OXCB950
32-bit PC card bridge to serial port
© 2008 Oxford Semiconductor
Web: www.oxsemi.com
July 2008, REV. 1.0
Description
Combining
Oxford
Semiconductor’s
high
performance UART and 32-bit PC Card
technology, the OXCB950 is the ideal connectivity
solution for products that need to bridge serial
devices to 32-bit PC Card interfaces including:
Cellular CDMA/GSM/GPRS, GPS, and Bluetooth
wireless data cards.
This highly integrated device is backed by
certified device drivers, for a wide range of
operating
systems,
to
deliver
ultimate
performance with reduced design cycles and
accelerated time to market.
The OXCB950 is a single chip serial port solution
for 32-bit PC Card based serial connectivity and
bridging applications. The device incorporates
Oxford Semiconductor’s high performance,
feature-rich UART technology that combines the
industry’s fastest baud rates and deepest FIFOs
with unrivalled flexibility. It adds up to a class
leading serial connectivity solution.
Features
o
High performance UART with peak
asynchronous data rates up to 15Mbps
o
RS232/422/485 full and half duplex
interfaces
o
Deep 128-Byte receive/transmit FIFOs
o
Full modem interface with hardware out of
band flow control
o
Automated Xon/Xoff in-band flow control
o
Flexible clock prescalar allows for a wide
range of baud rates
o
Infra-red (IrDA) receive and transmit
operation
o
2 GPIOs
o
PCI 2.2 and Power Management 1.0 and PC
Card 7.0 compliant
o
Software compatible with industry standard
16C550 type devices
o
3.3V operation
o
100 TQFP package
o
Commercial temperature range (0 to +70°C)
o
Certified device drivers for a wide range of
operating systems
Development Support
Design and evaluation of the OXCB950 is easy
with an available evaluation kit that includes
everything needed for PC installation and
evaluation. The kit includes Oxide, an intuitive
graphical user interface development tool that
provides simple ‘point and click’ feature
selection and text box entry for fast, error free
customization with minimal software expertise.
Ordering Information
Device
Development Kit
OXCFB950B
EV-OXCB950



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com