Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OXCF950B Datasheet(PDF) 2 Page - PLX Technology

Part # OXCF950B
Description  16-bit PC card/CF bridge to serial port
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

OXCF950B Datasheet(HTML) 2 Page - PLX Technology

  OXCF950B Datasheet HTML 1Page - PLX Technology OXCF950B Datasheet HTML 2Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OXCF950B
16-bit PC card/CF+ bridge to serial port
© 2008 Oxford Semiconductor
Web: www.oxsemi.com
July 2008, REV. 1.0
Description
Combining
Oxford
Semiconductor’s
high
performance UART and 16-bit PC Card/Compact
Flash technology, the OXCF950B is the ideal
connectivity solution for products that need to
bridge serial devices to 16-bit PC Card or
Compact Flash interfaces including: Cellular
CDMA/GSM/GPRS, GPS, and Bluetooth wireless
data cards.
This highly integrated device is backed by
certified device drivers, for a wide range of
operating
systems,
to
deliver
ultimate
performance with reduced design cycles and
accelerated time to market.
The OXCF950B is a single chip serial port
solution for 16-bit PC Card and Compact Flash
based
serial
connectivity
and
bridging
applications. The device incorporates Oxford
Semiconductor’s high performance, feature-rich
UART technology that combines the industry’s
fastest baud rates and deepest FIFOs with
unrivalled flexibility. It adds up to a class leading
serial connectivity solution.
Features
o
High performance UART with peak
asynchronous data rates up to 15Mbps
o
RS232/422/485 full and half duplex
interfaces
o
Deep 128-Byte receive/transmit FIFOs
o
Full modem interface with hardware out of
band flow control
o
Automated Xon/Xoff in-band flow control
o
Flexible clock prescalar allows for a wide
range of baud rates
o
Infra-red (IrDA) receive and transmit
operation
o
Support for external, 8 bit pass-through
local bus for port expansion
o
2 GPIOs
o
16-bit PC Card 7.1 and CF+ 1.4 compliant
o
Software compatible with industry standard
16C550 type devices
o
3.3V operation with 5V Tolerant IO
o
48 TQFP or 48 TFBGA package
o
Industrial temperature range (-40 to +105°C)
o
Certified device drivers for a wide range of
operating systems
Development Support
Design and evaluation of the OXCF950B is easy
with an available evaluation kit that includes
everything needed for PC installation and
evaluation. The kit includes Oxide, an intuitive
graphical user interface development tool that
provides simple ‘point and click’ feature
selection and text box entry for fast, error free
customization with minimal software expertise.
Ordering Information
Device
Development Kit
OXCF950B
EV-OXCF950B



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com