Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OXCFU950 Datasheet(PDF) 2 Page - PLX Technology

Part # OXCFU950
Description  16 bit PC card / CF bridge to serial and USB host port
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

OXCFU950 Datasheet(HTML) 2 Page - PLX Technology

  OXCFU950 Datasheet HTML 1Page - PLX Technology OXCFU950 Datasheet HTML 2Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OXCFU950
16 bit PC card / CF+ bridge to serial and USB host port
© 2008 Oxford Semiconductor
Web: www.oxsemi.com
July 2008, REV. 1.0
Description
Combining
Oxford
Semiconductor’s
high
performance USB Host Controller, UART and 16-
bit PC Card/Compact Flash technology, the
OXCFU950 is the ideal connectivity solution for
products that need to bridge multiple or high
data rate devices to 16-bit PC Card or Compact
Flash
interfaces
including:
Cellular
EvDO/WCDMA/HSDPA, Bluetooth 2.0 and Mobile
Digital TV modules.
This highly integrated device is backed by
certified device drivers, for a wide range of
operating
systems,
to
deliver
ultimate
performance with reduced design cycles and
accelerated time to market.
The OXCFU950 is a single chip; serial and USB
host port solution for 16-bit PC Card and
Compact Flash based bridging applications. The
device incorporates Oxford Semiconductor’s high
performance, feature-rich USB host and UART
technology that deliver the industry’s fastest
throughput and unrivalled flexibility in a class
leading connectivity solution.
Features
o
Compliant with USB 2.0/1.1, up to 12 Mbps
o
Integrated OHCI compatible host controller
and PHY
o
Supports USB suspend/resume
o
8K Byte USB data buffer
o
High performance UART with peak
asynchronous data rates up to 12Mbps
o
Deep 128-Byte receive/transmit FIFOs
o
Full modem interface with hardware out of
band flow control
o
Flexible clock prescalar allows for a wide
range of baud rates
o
Infra-red (IrDA) receive and transmit
o
4 GPIOs
o
16-bit PC Card 8.1 and CF+ 3.0 compliant
o
3.3V operation with 5V Tolerant IO
o
Integrated EEPROM for CIS and device
configuration
o
Low standby and operational power
consumption
o
Industrial temperature range (-40 to +85°C)
o
Certified device drivers for a wide range of
operating systems
Development Support
Design and evaluation of the OXCFU950 is easy
with an available evaluation kit that includes
everything needed for PC installation and
evaluation. The kit includes Oxide, an intuitive
graphical user interface development tool that
provides simple ‘point and click’ feature
selection and text box entry for fast, error free
customization with minimal software expertise.
Ordering Information
Device
Development Kit
OXCFU950
EV- OXCFU950



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com